Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8249 Datasheet HTML 1Page - Richtek Technology Corporation RT8249 Datasheet HTML 2Page - Richtek Technology Corporation RT8249 Datasheet HTML 3Page - Richtek Technology Corporation RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
RT8249A/B/C
3
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
CS1
Current Limit Setting. Connect a resistor to GND to set the threshold for Channel
1 synchronous RDS(ON) sense. The GND  PHASE1 current limit threshold is
1/8th the voltage seen at CS1 over a 0.2V to 2V range. There is an internal 50
A
current source from LDO5 to CS1.
2
FB1
Feedback Voltage Input for Channel 1. Connect FB1 to a resistive voltage divider
from VOUT1 to GND to adjust output from 2V to 5.5V.
3
LDO3
3.3V Linear Regulator Output. It is always on when VIN is higher than VINPOR
threshold.
4
FB2
Feedback Voltage Input for Channel 2. Connect FB2 to a resistive voltage divider
from VOUT2 to GND to adjust output from 2V to 5.5V.
5
CS2
Current Limit Setting. Connect a resistor to GND to set the threshold for Channel
2 synchronous RDS(ON) sense. The GND  PHASE2 current limit threshold is
1/8th the voltage seen at CS2 over a 0.2V to 2V range. There is an internal 50
A
current source from LDO5 to CS2.
6
EN2
Enable Control Input for Channel 2.
7
PGOOD
Power Good Indicator Output for Channel 1 and Channel 2. (Logical AND)
8
PHASE2
Switch Node of Channel 2 MOSFETs. PHASE2 is the internal lower supply rail for
the UGATE2 high-side gate driver. PHASE2 is also the current-sense input for the
Channel 2.
9
BOOT2
Bootstrap Supply for Channel 2 High-Side Gate Driver. Connect to an external
capacitor according to the typical application circuits.
10
UGATE2
High-Side Gate Driver Output for Channel 2. UGATE2 swings between PHASE2
and BOOT2.
11
LGATE2
Low-Side Gate Driver Output for Channel 2. LGATE2 swings between GND and
LDO5.
12
VIN
Power Input for 5V and 3.3V LDO Regulators and Buck Controllers.
13
LDO5
5V Linear Regulator Output. LDO5 is also the supply voltage for the low-side
MOSFET and analog supply voltage for the device.
14
BYP1
Switch-over Source Voltage Input for LDO5.
15
LGATE1
Low-Side Gate Driver Output for Channel 1. LGATE1 swings between GND and
LDO5.
16
UGATE1
High-Side Gate Driver Output for Channel 1. UGATE1 swings between PHASE1
and BOOT1.
17
BOOT1
Bootstrap Supply for Channel 1 High-Side Gate Driver. Connect to an external
capacitor according to the typical application circuits.
18
PHASE1
Switch Node of Channel 1 MOSFETs. PHASE1 is the internal lower supply rail for
the UGATE1 high-side gate driver. PHASE1 is also the current sense input for the
Channel 1.
VCLK
(RT8249A/B)
Oscillator Output for Charge Pump.
19
SKIPSEL
(RT8249C)
PWM Operating Mode Selection.
Diode-emulation Mode : Connect to LDO3
Audio Skipping Mode : Short to GND
20
EN1
Enable Control Input for Channel 1.
21
(Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com