Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 14Page - Richtek Technology Corporation RT8249 Datasheet HTML 15Page - Richtek Technology Corporation RT8249 Datasheet HTML 16Page - Richtek Technology Corporation RT8249 Datasheet HTML 17Page - Richtek Technology Corporation RT8249 Datasheet HTML 18Page - Richtek Technology Corporation RT8249 Datasheet HTML 19Page - Richtek Technology Corporation RT8249 Datasheet HTML 20Page - Richtek Technology Corporation RT8249 Datasheet HTML 21Page - Richtek Technology Corporation RT8249 Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
RT8249A/B/C
18
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 4. Increasing the UGATEx Rise Time
Soft-Start
The RT8249A/B/C provides an internal soft-start function
to prevent large inrush current and output voltage overshoot
when the converter starts up. The soft-start (SS)
automatically begins once the chip is enabled. During soft-
start, it clamps the ramping of internal reference voltage
which is compared with FBx signal. The typical soft-start
duration is 0.9ms. An unique PWM duty limit control that
prevents output over-voltage during soft-start period is
designed specifically for FBx floating.
UVLO Protection
The RT8249A/B/C has LDO5 under-voltage lock out
protection (UVLO). When the LDO5 voltage is lower than
3.9V (typ.) and the LDO3 voltage is lower than 2.5V (typ.),
both switch power supplies are shut off. This is a non-
latch protection.
BOOTx
RBOOT
UGATEx
VIN
PHASEx
Power Good Output (PGOOD)
PGOOD is an open-drain output and requires a pull-up
resistor. PGOOD is actively held low in soft-start, standby,
and shutdown. For RT8249A/B/C, PGOOD is released
when both output voltages are above 88% of nominal
regulation point. The PGOOD signal goes low if either
output turns off or is 20% below or 13% over its nominal
regulation point.
Output Over-Voltage Protection (OVP)
The output voltage can be continuously monitored for over-
voltage condition. If the output voltage exceeds 13% of
its set voltage threshold, the over-voltage protection is
triggered and the LGATEx low-side gate drivers are forced
high. This activates the low-side MOSFET switch, which
rapidly discharges the output capacitor and pulls the output
voltage downward.
The RT8249A/B/C is latched once OVP is triggered and
can only be released by either toggling ENx or cycling
VIN. There is a 1
μs delay built into the over-voltage
protection circuit to prevent false transition.
Note that latching LGATEx high will cause the output
voltage to dip slightly negative due to previously stored
energy in the LC tank circuit. For loads that cannot tolerate
a negative voltage, place a power Schottky diode across
the output to act as a reverse polarity clamp.
If the over-voltage condition is caused by a shorted in
high-side switch, turning the low-side MOSFET on 100%
will create an electrical shorted circuit between the battery
and GND to blow the fuse and disconnecting the battery
from the output.
Output Under-Voltage Protection (UVP)
The output voltage can be continuously monitored for under-
voltage condition. If the output is less than 52% (typ.) of
its set voltage threshold, the under-voltage protection will
be triggered and then both UGATEx and LGATEx gate
drivers will be forced low. The UVP is ignored for at least
1.3ms (typ.) after a start-up or a rising edge on ENx. Toggle
ENx or cycle VIN to reset the UVP fault latch and restart
the controller.
shoot through is internally generated from high-side
MOSFET off to low-side MOSFET on and low-side
MOSFET off to high-side MOSFET on.
The low-side driver is designed to drive high current low
RDS(ON) N-MOSFET(s). The internal pull down transistor
that drives LGATEx low is robust, with a 1
Ω typical on-
resistance. A 5V bias voltage is delivered from the LDO5
supply. The instantaneous drive current is supplied by an
input capacitor connected between LDO5 and GND.
For high current applications, some combinations of high
and low-side MOSFETs may cause excessive gate drain
coupling, which leads to efficiency killing, EMI producing,
and shoot through currents. This is often remedied by
adding a resistor in series with BOOTx, which increases
the turn-on time of the high-side MOSFET without
degrading the turn-off time. See Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com