Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 3Page - Richtek Technology Corporation RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation RT8249 Datasheet HTML 10Page - Richtek Technology Corporation RT8249 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
RT8249A/B/C
7
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Buck Controllers Output and FB Voltage
FBx Valley Trip Voltage
VFBx
CCM Operation
1.98
2
2.02
V
BYP1 Discharge Current
IDCHG_BYP1 VBYP1 = 0.5V
10
45
--
mA
PHASEx Discharge
Current
IDCHG_LX
VPHASEx = 0.5V
5
8
--
mA
Switching Frequency
Switching Frequency
fSWx
RT8249A/B, VIN = 20V, VOUT1 = 5V
320
400
480
kHz
RT8249A/B, VIN = 20V, VOUT2 = 3.33V
380
475
570
RT8249C, VIN = 20V, VOUT1 = 5V
400
500
600
RT8249C, VIN = 20V, VOUT2 = 3.33V
480
600
720
Minimum Off-Time
tOFF(MIN)
VFBx = 1.9V
--
200
275
ns
Soft-Start
Soft-Start Time
tSSx
VOUT Ramp_Up Time
--
0.9
--
ms
Current Sense
CSx Source Current
ICSx
VCSx = 1V
47
50
53
A
CSx Current
Temperature Coefficient
TCICSx
In Comparison with 25°C
--
4700
--
ppm/
C
Zero-Current Threshold
VZC
VFBx = 2.05V, GND  PHASEx
--
1
--
mV
Internal Regulator
LDO5 Output Voltage
VLDO5
VIN = 12V, No Load
4.9
5
5.1
V
VIN > 7V, ILDO5 < 100mA
4.8
5
5.1
VIN > 5.5V, ILDO5 < 35mA
4.8
5
5.1
VIN > 5V, ILDO5 < 20mA
4.5
4.75
5.1
LDO3 Output Voltage
VLDO3
VIN = 12V, No Load
3.267
3.3
3.333
V
VIN > 7V, ILDO3 < 100mA
3.217
3.3
3.383
VIN > 5.5V, ILDO3 < 35mA
3.267
3.3
3.333
VIN > 5V, ILDO3 < 20mA
3.217
3.3
3.383
LDO5 Output Current
ILDO5
VLDO5 = 4.5V, VBYP1 = GND,
VIN = 7.4V
100
175
--
mA
LDO3 Output Current
ILDO3
VLDO3 = 3V, VIN = 7.4V
100
175
--
mA
LDO5 Switch-over
Threshold to BYP1
VSWTH
Rising Edge at BYP1 Regulation Point
--
4.66
--
V
LDO5 Switch-over
Equivalent Resistance
RSW
LDO5 to BYP1, 10mA
--
1.5
3
VCLK Output, RT8249A/B
VCLK On-Resistance
RVCLK
Pull-up and Pull-down Resistance
--
10
--
VCLK Switching
Frequency
fVCLK
--
260
--
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com