Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8249 Datasheet HTML 1Page - Richtek Technology Corporation RT8249 Datasheet HTML 2Page - Richtek Technology Corporation RT8249 Datasheet HTML 3Page - Richtek Technology Corporation RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
RT8249A/B/C
2
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
***Empty means Pin1 orientation is Quadrant 1
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Pin Configurations
RT8249A/B
(TOP VIEW)
Marking Information
2Q= : Product Code
YMDNN : Date Code
2P= : Product Code
YMDNN : Date Code
2N= : Product Code
YMDNN : Date Code
RT8249C
WQFN-20L 3x3
RT8249AGQW
RT8249BGQW
RT8249CGQW
Applications
Notebook and Sub-Notebook Computers
System Power Supplies
3-Cell and 4-Cell Li+ Battery-Powered Devices
2Q=YM
DNN
2P=YM
DNN
2N=YM
DNN
FB2
LDO3
CS1
FB1
LGATE1
BYP1
VIN
LDO5
CS2
LGATE2
15
14
13
12
17
18
19
20
1
2
3
4
9
8
7
6
GND
21
11
5
16
10
FB2
LDO3
CS1
FB1
LGATE1
BYP1
VIN
LDO5
CS2
LGATE2
15
14
13
12
17
18
19
20
1
2
3
4
9
8
7
6
GND
21
11
5
16
10
RT8249A/B/C
Package Type
QW : WQFN-20L 3x3 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Pin Function With
A : VCLK, LDO3 Always On
B : VCLK, LDO3/LDO5 Always On
C : SKIPSEL, LDO3 Always On
Pin 1 Orientation
***
(2) : Quadrant 2, Follow EIA-481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com