Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation RT8249 Datasheet HTML 10Page - Richtek Technology Corporation RT8249 Datasheet HTML 11Page - Richtek Technology Corporation RT8249 Datasheet HTML 12Page - Richtek Technology Corporation RT8249 Datasheet HTML 13Page - Richtek Technology Corporation RT8249 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
RT8249A/B/C
10
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
C17
3.3V
RT8249A
PHASE1
LGATE1
BOOT1
UGATE1
VIN
12
15
17
18
16
PHASE2
LGATE2
BOOT2
UGATE2
FB2
VIN
10µF
10
8
9
11
4
C13
R8
C10
0.1µF
5.2V to 25V
Q2
L2
C11
0.1µF
R9 0
R14
130k
L1
C2
C3
5V
0.1µF
R3 0
R12
150k
R13
100k
R15
200k
BYP1
14
FB1
2
10µF
C1
PGOOD
7
LDO3
3
C16
1µF
EN1
20
3.3V Always On
VOUT2
VOUT1
0
R4 0
R10 0
BSC0909
NS
10µF
C12
Q1
BSC0909
NS
Q3
BSC0909
NS
3.3µH
R5*
C4*
220µF
C18*
D1
VCLK
19
C5
0.1µF
D2
D3
D4
BAT254
C7
0.1µF
C6
0.1µF
C8
0.1µF
CPO
Channel 1 Enable
EN2
6
Channel 2 Enable
Q4
BSC0909
NS
R11*
C14*
2.2µH
220µF
C21*
LDO5
13
C9
1µF
5V
PGOOD Indicator
CS1
1
CS2
5
R1
16k
R2
16k
21 (Exposed Pad)
GND
Off
On
* : Optional
0.1µF
C23
C17
3.3V
RT8249B
PHASE1
LGATE1
BOOT1
UGATE1
VIN
12
15
17
18
16
PHASE2
LGATE2
BOOT2
UGATE2
FB2
VIN
10µF
10
8
9
11
4
C13
R8
C10
0.1µF
5.2V to 25V
Q2
L2
C11
0.1µF
R9 0
R14
130k
L1
C2
C3
5V
0.1µF
R3 0
R12
150k
R13
100k
R15
200k
BYP1
14
FB1
2
10µF
C1
PGOOD
7
LDO3
3
C16
1µF
EN1
20
3.3V Always On
VOUT2
VOUT1
0
R4 0
R10 0
BSC0909
NS
10µF
C12
Q1
BSC0909
NS
Q3
BSC0909
NS
3.3µH
R5*
C4*
220µF
C18*
D1
VCLK
19
C5
0.1µF
D2
D3
D4
BAT254
C7
0.1µF
C6
0.1µF
C8
0.1µF
CPO
Channel 1 Enable
EN2
6
Channel 2 Enable
Q4
BSC0909
NS
R11*
C14*
2.2µH
220µF
C21*
LDO5
13
C9
1µF
5V Always On
PGOOD Indicator
CS1
1
CS2
5
R1
16k
R2
16k
21 (Exposed Pad)
GND
Off
On
* : Optional
0.1µF
C23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com