Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation RT8249 Datasheet HTML 10Page - Richtek Technology Corporation RT8249 Datasheet HTML 11Page - Richtek Technology Corporation RT8249 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
RT8249A/B/C
8
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
SKIP Mode Selection, RT8249C
SKIPSEL Input Voltage
VSKIPSEL
ASM Operation
--
--
0.8
V
DEM Operation
1.2
--
--
UVLO
LDO5 UVLO Threshold
VUVLO5
Rising Edge
--
4.3
4.6
V
Falling Edge
3.7
3.9
4.1
LDO3 UVLO Threshold
VUVLO3
Channel x Off
--
2.5
--
V
Power Good
PGOOD Threshold
VPGxTH
PGOOD Detect, VFBx Rising Edge
84
88
92
%
Hysteresis
--
8
--
PGOOD Leakage Current
High state, VPGOOD = 5.5V
--
--
1
A
PGOOD Output Low
Voltage
ISINK = 4mA
--
--
0.3
V
Fault Detection
OVP Trip Threshold
VOVP
FBx with Respect to Internal Reference
109
113
117
%
OVP Propagation Delay
--
1
--
s
UVP Trip Threshold
VUVP
UVP Detect, FBx Falling Edge
47
52
57
%
UVP Shutdown Blanking
Time
tSHDN_UVP
From ENx Enable
--
1.3
--
ms
Thermal Shutdown
Thermal Shutdown
Threshold
TSD
--
150
--
°C
Logic Inputs
ENx Threshold Voltage
VENx_H
SMPS On
1.6
--
--
V
VENx_L
SMPS Off
--
--
0.4
Internal Boost Switch
Internal Boost Switch
On-Resistance
RBST
LDO5 to BOOTx
--
80
--
Power MOSFET Drivers
UGATEx On-Resistance
RUG
High State, VBOOTx  VUGATEx = 0.25V,
VBOOTx  VPHASEx = 5V
--
3
--
Low State, VUGATEx  VPAHSEx = 0.25V,
VBOOTx  VPHASEx = 5V
--
2
--
LGATEx On-Resistance
RLG
High State, VLDO5  VLGATEx = 0.25V,
VLDO5 = 5V
--
3
--
Low State, VLGATEx  GND = 0.25V
--
1
--
Dead-Time
td
LGATEx Rising
--
20
--
ns
UGATEx Rising
--
30
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com