Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8249 Datasheet HTML 1Page - Richtek Technology Corporation RT8249 Datasheet HTML 2Page - Richtek Technology Corporation RT8249 Datasheet HTML 3Page - Richtek Technology Corporation RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
RT8249A/B/C
®
DS8249A/B/C-02
June 2014
www.richtek.com
1
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Simplified Application Circuit
General Description
The RT8249A/B/C is a dual-channel step-down, controller
generating supply voltages for battery-powered systems.
It includes two Pulse-Width Modulation (PWM) controllers
adjustable from 2V to 5.5V, and two fixed 5V/3.3V linear
regulators. Each linear regulator provides up to 100mA
output current and 3.3V linear regulator provides 1%
accuracy under 35mA. The RT8249A/B has an oscillator
output to driver the external charge pump application. The
RT8249C provides a mode selection pin, SKIPSEL, to
select Diode-Emulation Mode (DEM) or Audio Skipping
Mode (ASM). Other features include on-board power-up
sequencing, a power-good output, internal soft-start, and
soft-discharge output that prevents negative voltage during
shutdown.
A constant current ripple PWM control scheme operates
without sense resistors and provides 100ns response to
load transient. For maximizing power efficiency, the
RT8249A/B/C automatically switches to the diode-
emulation mode in light load applications. The RT8249A/
B/C is available in the WQFN-20L 3x3 package.
Features
Support Connected Standby Mode for Ultrabook
CCRCOT Control with 100ns Load Step Response
PWM Maximum Duty Ratio > 98%
5V to 25V Input Voltage Range
2V to 5.5V Output Voltage Range
5V/3.3V LDOs with 100mA Output Current
1% Accuracy on 3.3V LDO Output
Oscillator Driving Output for Charge Pump
Application
Internal Frequency Setting

RT8249A/B : 400kHz/475kHz (CH1/CH2)

RT8249C : 500kHz/600kHz (CH1/CH2)
Internal Soft-Start and Soft-Discharge
4700ppm/
°°°°°C RDS(ON) Current Sensing
Independent Switcher Enable Control
Built in OVP/UVP/OCP/OTP
Non-latch UVLO
Power Good Indicator
20-Lead WQFN Package
RoHS Compliant and Halogen Free
Dual-Channel Synchronous DC/DC Step-Down Controller
with 5V/3.3V LDOs
RT8249A/B/C
PHASE1
LGATE1
BOOT1
UGATE1
VIN
PHASE2
LGATE2
BOOT2
UGATE2
FB2
VIN
BYP1
FB1
PGOOD
LDO3
EN1
3.3V
VOUT2
VOUT1
Channel 1 Enable
EN2
Channel 2 Enable
LDO5
5V
PGOOD Indicator
CS1
CS2
GND
Off
On


Similar Part No. - RT8249

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8249 RICHTEK-RT8249 Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249DGQW RICHTEK-RT8249DGQW Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
More results

Similar Description - RT8249

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
Synchronous Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
DS6550A RICHTEK-DS6550A Datasheet
239Kb / 16P
Synchronous DC-DC Step-Down Controller with 5V LDO
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com