Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 2Page - Richtek Technology Corporation RT8249 Datasheet HTML 3Page - Richtek Technology Corporation RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation RT8249 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
RT8249A/B/C
6
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Absolute Maximum Ratings
(Note 1)
VIN to GND ---------------------------------------------------------------------------------------------------------
−0.3V to 30V
BOOTx to PHASEx ----------------------------------------------------------------------------------------------
−0.3V to 6V
PHASEx to GND
DC --------------------------------------------------------------------------------------------------------------------
−0.3V to 30V
<20ns ---------------------------------------------------------------------------------------------------------------
−8V to 38V
UGATEx to PHASEx
DC --------------------------------------------------------------------------------------------------------------------
−0.3V to (LDO5 + 0.3V)
<20ns ---------------------------------------------------------------------------------------------------------------
−5V to 7.5V
LGATEx to GND
DC --------------------------------------------------------------------------------------------------------------------
−0.3V to (LDO5 + 0.3V)
<20ns ---------------------------------------------------------------------------------------------------------------
−2.5V to 7.5V
Other Pins ----------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WQFN-20L 3x3 --------------------------------------------------------------------------------------------------- 3.33W
Package Thermal Resistance (Note 2)
WQFN-20L 3x3,
θJA ---------------------------------------------------------------------------------------------- 30°C/W
WQFN-20L 3x3,
θJC --------------------------------------------------------------------------------------------- 7.5°C/W
Junction Temperature -------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------------------- 260
°C
Storage Temperature Range -----------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Supply Voltage, VIN --------------------------------------------------------------------------------------------- 5V to 25V
Junction Temperature Range -----------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -----------------------------------------------------------------------------------
−40°C to 85°C
(VIN = 12V, VEN1 = VEN2 = 3.3V, VCS1 = VCS2 = 2V, VCLK disable by 200
Ω to GND, No Load, TA = 25°C, unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply
VIN Power On Reset
VIN_POR
Rising Threshold
--
4.6
4.9
V
Falling Threshold
3.2
3.7
--
VIN Standby Supply
Current
IVIN_SBY
RT8249A
Both Buck Controllers
Off, VEN1 = VEN2 = GND
--
20
35
A
RT8249B
--
35
55
RT8249C
--
20
35
VIN Quiescent Current
IVIN_nosw
Both Buck Controllers On,
VFBx = 2.05V, VBYP1 = 5.05V
--
15
25
A
BYP1 Supply Current
IBYP1_nosw
Both Buck Controllers On,
VFBx = 2.05V, VBYP1 = 5.05V
--
120
180
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com