Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 9Page - Richtek Technology Corporation RT8249 Datasheet HTML 10Page - Richtek Technology Corporation RT8249 Datasheet HTML 11Page - Richtek Technology Corporation RT8249 Datasheet HTML 12Page - Richtek Technology Corporation RT8249 Datasheet HTML 13Page - Richtek Technology Corporation RT8249 Datasheet HTML 14Page - Richtek Technology Corporation RT8249 Datasheet HTML 15Page - Richtek Technology Corporation RT8249 Datasheet HTML 16Page - Richtek Technology Corporation RT8249 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
RT8249A/B/C
13
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Output Voltage 2 vs. Output Current
3.29
3.30
3.31
3.32
0.001
0.01
0.1
1
10
Output Current (A)
EN1 = 0V, EN2 = LDO3, VCLK off, BYP1 on
VIN = 7.4V
VIN = 11.1V
VIN = 14.8V
VIN = 20.5V
Output Voltage 1 vs. Output Current
4.95
4.96
4.97
4.98
4.99
5.00
5.01
0.001
0.01
0.1
1
10
Output Current (A)
EN1 = LDO3, EN2 = 0V, VCLK off, BYP1 on
VIN = 7.4V
VIN = 11.1V
VIN = 14.8V
VIN = 20.5V
VLDO5 vs. ILDO5
5.000
5.002
5.004
5.006
5.008
5.010
5.012
5.014
5.016
5.018
5.020
0
1020
3040
50
6070
8090
100
ILDO5 (mA)
VIN = 12V, EN1 = LDO3,
EN2 = 0V, VCLK off, BYP1 off
Quiescent Current vs. Input Voltage
0
5
10
15
20
25
30
5
7
9
11
131517
1921
2325
Input Voltage (V)
EN1 = EN2 = LDO3, VCLK off, BYP1 on
BYP1 Supply Current vs. Input Voltage
100
110
120
130
140
150
160
5
7
9
11
131517
1921
2325
Input Voltage (V)
EN1 = EN2 = LDO3, VCLK off, BYP1 on
VLDO3 vs. ILDO3
3.280
3.282
3.284
3.286
3.288
3.290
3.292
3.294
3.296
3.298
3.300
0
10
203040
50607080
90
100
ILDO3 (mA)
VIN = 12V, EN1 = 0V ,
EN2 = LDO3, VCLK off, BYP1 off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com