Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation RT8249 Datasheet HTML 10Page - Richtek Technology Corporation RT8249 Datasheet HTML 11Page - Richtek Technology Corporation RT8249 Datasheet HTML 12Page - Richtek Technology Corporation RT8249 Datasheet HTML 13Page - Richtek Technology Corporation RT8249 Datasheet HTML 14Page - Richtek Technology Corporation RT8249 Datasheet HTML 15Page - Richtek Technology Corporation RT8249 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
RT8249A/B/C
12
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
VOUT2 Switching Frequency vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
500
550
5
7
9
11
131517
1921
2325
Input Voltage (V)
EN1 = 0V, EN2 = LDO3,
IOUT2 = 6A, VCLK off, BYP1 on
VOUT1 Switching Frequency vs. Input Voltage
0
50
100
150
200
250
300
350
400
450
5
7
9
11
131517
1921
2325
Input Voltage (V)
EN1 = LDO3, EN2 = 0V,
IOUT1 = 6A, VCLK off, BYP1 on
VOUT1 Switching Frequency vs. Output Current
0
50
100
150
200
250
300
350
400
450
0.001
0.01
0.1
1
10
Output Current (A)
EN1 = LDO3, EN2 = 0V, VCLK off, BYP1 on
VIN = 19V
VIN = 11.1V
VIN = 7.4V
VOUT2 Switching Frequency vs. Output Current
0
100
200
300
400
500
600
0.001
0.01
0.1
1
10
Output Current (A)
EN1 = 0V , EN2 = LDO3, VCLK off, BYP1 on
VIN = 19V
VIN = 11.1V
VIN = 7.4V
VOUT2 Efficiency vs. Output Current
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
EN1 = 0V, EN2 = LDO3, VCLK off, BYP1 on
VIN = 7.4V
VIN = 11.1V
VIN = 14.8V
VIN = 20.5V
VOUT1 Efficiency vs. Output Current
75
80
85
90
95
100
0.001
0.01
0.1
1
10
Output Current (A)
EN1 = LDO3, EN2 = 0V, VCLK off, BYP1 on
VIN = 7.4V
VIN = 11.1V
VIN = 14.8V
VIN = 20.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com