Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 10Page - Richtek Technology Corporation RT8249 Datasheet HTML 11Page - Richtek Technology Corporation RT8249 Datasheet HTML 12Page - Richtek Technology Corporation RT8249 Datasheet HTML 13Page - Richtek Technology Corporation RT8249 Datasheet HTML 14Page - Richtek Technology Corporation RT8249 Datasheet HTML 15Page - Richtek Technology Corporation RT8249 Datasheet HTML 16Page - Richtek Technology Corporation RT8249 Datasheet HTML 17Page - Richtek Technology Corporation RT8249 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
RT8249A/B/C
14
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (40
μs/Div)
VOUT2 Load Transient Response
EN1 = 0V, EN2 = LDO3, VIN = 12V, IOUT1 = 0A to 6A
VOUT1
(100mV/Div)
IOUT1
(5A/Div)
UGATE1
(20V/Div)
LGATE1
(5V/Div)
Time (40
μs/Div)
VOUT1 Load Transient Response
EN1 = LDO3, EN2 = 0V, VIN = 12V, IOUT1 = 0A to 6A
VOUT1
(100mV/Div)
IOUT1
(5A/Div)
UGATE1
(20V/Div)
LGATE1
(5V/Div)
Time (100
μs/Div)
VOUT1 OVP
PGOOD
(5V/Div)
VOUT1
(2V/Div)
EN1 = EN2 = LDO3 , VIN = 12V , No Load
LGATE1
(5V/Div)
Time (400
μs/Div)
VOUT1 UVP
EN1 = EN2 = LDO3 , VIN = 12V
VOUT1
(5V/Div)
LGATE1
(5V/Div)
UGATE1
(20V/Div)
IL1
(10A/Div)
EN1 = EN2 = LDO3 , VIN = 12V , No Load
Time (400
μs/Div)
Power On from EN
VOUT1
(5V/Div)
LDO5
(5V/Div)
EN
(5V/Div)
VOUT2
(5V/Div)
EN1 = EN2 = LDO3 , VIN = 12V , No Load
Time (20ms/Div)
Power Off from EN
VOUT1
(5V/Div)
LDO5
(5V/Div)
EN
(5V/Div)
VOUT2
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com