Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT8249 Datasheet HTML 1Page - Richtek Technology Corporation RT8249 Datasheet HTML 2Page - Richtek Technology Corporation RT8249 Datasheet HTML 3Page - Richtek Technology Corporation RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
RT8249A/B/C
5
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Over-Voltage Protection (OVP) & Under-Voltage
Protection (UVP)
The two channel output voltages are continuously
monitored for over-voltage and under-voltage conditions.
When the output voltage exceeds over-voltage threshold
(113% of VOUT), UGATE goes low and LGATE is forced
high. When it is less than 52% of reference voltage, under-
voltage protection is triggered and then both UGATE and
LGATE gate drivers are forced low. The controller is latched
until ENx is reset or LDO5 is re-supplied.
LDO5 and LDO3
When the VIN voltage exceeds the POR rising threshold,
LDO3 will default turn-on. The LDO5 can be power on by
ENx. The linear regulator LDO5 and LDO3 provide 5V and
3.3V regulated output.
Switching Over
The BYP1 is connected to the Channel 1 output. After the
Channel 1 output voltage exceeds the set threshold
(4.66V), the output will be bypassed to the LDO5 output
to maximize the efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com