Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 12Page - Richtek Technology Corporation RT8249 Datasheet HTML 13Page - Richtek Technology Corporation RT8249 Datasheet HTML 14Page - Richtek Technology Corporation RT8249 Datasheet HTML 15Page - Richtek Technology Corporation RT8249 Datasheet HTML 16Page - Richtek Technology Corporation RT8249 Datasheet HTML 17Page - Richtek Technology Corporation RT8249 Datasheet HTML 18Page - Richtek Technology Corporation RT8249 Datasheet HTML 19Page - Richtek Technology Corporation RT8249 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
RT8249A/B/C
16
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 1. Boundary Condition of CCM/DEM
IN
OUT
LOAD(SKIP)
ON
(V
V
)
It
2L

where tON is the on-time.
The switching waveforms may appear noisy and
asynchronous when light load causes diode emulation
operation. This is normal and results in high efficiency.
IL
t
0
tON
Slope = (VIN - VOUT) / L
IPEAK
ILOAD = IPEAK / 2
the SKIPSEL pin voltage is higher than 1.2V, the RT8249C
operates in DEM. When the SKIPSEL pin Voltage is lower
than 0.8V, the RT8249C operates in ASM.
Diode Emulation Mode
In diode emulation mode, the RT8249A/B/C automatically
reduces switching frequency at light load conditions to
maintain high efficiency. This reduction of frequency is
achieved smoothly. As the output current decreases from
heavy load condition, the inductor current is also reduced,
and eventually comes to the point that its current valley
touches zero, which is the boundary between continuous
conduction and discontinuous conduction modes. To
emulate the behavior of diodes, the low-side MOSFET
allows only partial negative current to flow when the
inductor free wheeling current becomes negative. As the
load current is further decreased, it takes longer and longer
time to discharge the output capacitor to the level that
requires the next
“ON” cycle. The on-time is kept the
same as that in the heavy load condition. In reverse, when
the output current increases from light load to heavy load,
the switching frequency increases to the preset value as
the inductor current reaches the continuous conduction.
The transition load point to the light load operation is shown
in Figure 1. and can be calculated as follows :
Trade offs in PFM noise vs. light load efficiency is made
by varying the inductor value. Generally, low inductor values
produce a broader efficiency vs. load curve, while higher
values result in higher full load efficiency (assuming that
the coil resistance remains fixed) and less output voltage
ripple. Penalties for using higher inductor values include
larger physical size and degraded load transient response
(especially at low input voltage levels).
Ultrasonic Mode (ASM)
The RT8249C activates a unique type of diode emulation
mode with a minimum switching frequency of 25kHz,
called ultrasonic mode. This mode eliminates audio-
frequency modulation that would otherwise be present
when a lightly loaded controller automatically skips
pulses. In ultrasonic mode, the low-side switch gate driver
signal is
“OR”ed with an internal oscillator (>25kHz).
Once the internal oscillator is triggered, the controller will
turn on UGATE and give it shorter on-time.
When the on-time expired, LGATE turns on until the
inductor current goes to zero crossing threshold and keep
both high-side and low-side MOSFET off to wait for the
next trigger. Because shorter on-time causes a smaller
pulse of the inductor current, the controller can keep output
voltage and switching frequency simultaneously.
The on-time decreasing has a limitation and the output
voltage will be lifted up under the slight load condition.
The controller will turn on LGATE first to pull down the
output voltage. When the output voltage is pulled down to
the balance point of the output load current, the controller
will proceed the short on-time sequence as the above
description.
Linear Regulators (LDOx)
The RT8249A/B/C includes 5V (LDO5) and 3.3V (LDO3)
linear regulators. The regulators can supply up to 100mA
for external loads. Bypass LDOx with 1
μF(min) to 4.7μF
(max), and the recommended value is 1
μF. ceramic
capacitor. When VOUT1 is higher than the switch over
threshold (4.66V), an internal 1.5
Ω P-MOSFET switch
connects BYP1 to the LDO5 pin while simultaneously
disconnects the internal linear regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com