Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT8249 Datasheet HTML 1Page - Richtek Technology Corporation RT8249 Datasheet HTML 2Page - Richtek Technology Corporation RT8249 Datasheet HTML 3Page - Richtek Technology Corporation RT8249 Datasheet HTML 4Page - Richtek Technology Corporation RT8249 Datasheet HTML 5Page - Richtek Technology Corporation RT8249 Datasheet HTML 6Page - Richtek Technology Corporation RT8249 Datasheet HTML 7Page - Richtek Technology Corporation RT8249 Datasheet HTML 8Page - Richtek Technology Corporation RT8249 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
RT8249A/B/C
4
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT8249A/B/C includes two constant on-time
synchronous step-down controllers and two linear
regulators.
Buck Controller
In normal operation, the high-side N-MOSFET is turned
on when the output is lower than VREF, and is turned off
after the internal one-shot timer expires. While the high-
side N-MOSFET is turned off, the low-side N-MOSFET is
turned on to conduct the inductor current until next cycle
begins.
Soft-Start
For internal soft-start function, an internal current source
charges an internal capacitor to build the soft-start ramp
voltage. The output voltage will track the internal ramp
voltage during soft-start interval.
PGOOD
The power good output is an open-drain architecture. When
the two channels soft-start are both finished, the PGOOD
open-drain output will be high impedance.
Current Limit
The current limit circuit employs a unique
“valley” current
sensing algorithm. If the magnitude of the current sense
signal at PHASE is above the current limit threshold, the
PWM is not allowed to initiate a new cycle. Thus, the
current to the load exceeds the average output inductor
current, the output voltage falls and eventually crosses
the under-voltage protection threshold, inducing IC
shutdown.
Channel 2
Buck
Controller
BOOT2
UGATE2
PHASE2
LGATE2
GND
LDO5
FB2
CS2
PGOOD
Channel 1
Buck
Controller
BOOT1
UGATE1
PHASE1
LGATE1
LDO5
FB1
CS1
LDO5
REF
SW5 Threshold
VIN
LDO5
OSC
VCLK
(RT8249A/B)
LDO3
LDO3
BYP1
Power-On
Sequence
Clear Fault Latch
BYP1
BYP1
SKIPSEL
(RT8249C)
EN1
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com