Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8249 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT8249
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT8249 Datasheet HTML 15Page - Richtek Technology Corporation RT8249 Datasheet HTML 16Page - Richtek Technology Corporation RT8249 Datasheet HTML 17Page - Richtek Technology Corporation RT8249 Datasheet HTML 18Page - Richtek Technology Corporation RT8249 Datasheet HTML 19Page - Richtek Technology Corporation RT8249 Datasheet HTML 20Page - Richtek Technology Corporation RT8249 Datasheet HTML 21Page - Richtek Technology Corporation RT8249 Datasheet HTML 22Page - Richtek Technology Corporation RT8249 Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
RT8249A/B/C
19
DS8249A/B/C-02
June 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Thermal Protection
The RT8249A/B/C features thermal shutdown to prevent
damage from excessive heat dissipation. Thermal
shutdown occurs when the die temperature exceeds
150
°C. All internal circuitries are turned off during thermal
shutdown. The RT8249A/B/C triggers thermal shutdown
if LDO5 is not supplied from VOUT1, while input voltage on
VIN and drawing current from LDO5 are too high.
Nevertheless, even if LDO5 is supplied from VOUT1,
overloading LDO5 can cause large power dissipation on
automatic switches, which may still result in thermal
shutdown.
Discharge Mode (Soft Discharge)
When ENx is low the output under-voltage fault latch is
set, the output discharge mode will be triggered. During
discharge mode, an internal switch creates a path for
discharging the output capacitors' residual charge to GND.
Standby Mode
When VIN rises POR threshold and ENx < 0.4V, RT8249A/
B/C operate in standby mode, CH1 and CH2 is OFF state.
For RT8249A/C, LDO5 is OFF and LDO3 is ON state and
approximately consumes 17
μA of input current. For
RT8249B, LDO5 and LDO3 are ON state and approximately
consumes 30
μA while in standby mode.
Power-Up Sequencing and On/Off Controls (ENx)
EN1 and EN2 control the power-up sequencing of the two
channels of the Buck converter. The 0.4V falling edge
threshold on ENx can be used to detect a specific analog
voltage level and to shutdown the device. Once in
shutdown, the 1.6V rising edge threshold activates,
providing sufficient hysteresis for most applications.
Table 1. Operation Mode Truth Table
Mode
Condition
Comment
LDO Over
Current Limit
LDOx < UVLO threshold
Transitions to discharge mode after VIN POR. LDO5
and LDO3 remain active.
Run
ENx = high, VOUT1 or VOUT2 are enabled
Normal Operation.
Over-Voltage
Protection
Either output >113% of the nominal level.
LGATEx is forced high. LDO3 and LDO5 are active.
Exit by VIN POR or by toggling ENx.
Under-Voltage
Protection
Either output < 52% of the nominal level
after 1.3ms time-out expires and output is
enabled
Both UGATEx and LGATEx are forced low and enter
discharge mode. LDO3 and LDO5 are active. Exit by
VIN POR or by toggling ENx.
Discharge
Either output is still high in standby mode
During discharge mode, there is one path to
discharge the output capacitors’ residual charge to
GND via an internal switch.
Standby
VIN > POR
ENx < 0.4V
For RT8249A/B : LDO3 is active
For RT8249C : LDO3, LDO5 are active
Thermal
Shutdown
TJ > 150C
All circuitries are off. Exit by VIN POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com