Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 26 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 22Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 23Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 24Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 25Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 26Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 27Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 28Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 29Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 26 of 232
9.1
CPU and Peripherals
The 8051 CPU core is a single-cycle 8051-
compatible core. It has three different memory
access
buses
(SFR,
DATA
and
CODE/XDATA), a debug interface and an 18-
input extended interrupt unit. See section 12
for details on the CPU.
The memory crossbar/arbitrator is at the
heart of the system as it connects the CPU
and
DMA
controller
with
the
physical
memories and all peripherals through the SFR
bus. The memory arbitrator has four memory
access points, access at which can map to
one of three physical memories: an 8 KB
SRAM, flash memory or RF and SFR
registers. The memory arbitrator is responsible
for performing arbitration and sequencing
between simultaneous memory accesses to
the same physical memory.
The SFR bus is drawn conceptually in the
block diagram as a common bus that connects
all hardware peripherals to the memory
arbitrator. The SFR bus in the block diagram
also provides access to the radio registers in
the radio register bank even though these are
indeed mapped into XDATA memory space.
The 8 KB SRAM maps to the DATA memory
space and to part of the XDATA memory
spaces. 4 KB of the 8 KB SRAM is an ultra-
low-power SRAM that retains its contents even
when the digital part is powered off (power
modes 2 and 3). The rest of the SRAM loses
its contents when the digital part is powered
off.
The 32/64/128 KB flash block provides in-
circuit programmable non-volatile program
memory for the device and maps into the
CODE and XDATA memory spaces. Table 22
shows the available devices in the
CC2430
family. The available devices differ only in
flash memory size. Writing to the flash block is
performed through a flash controller that
allows page-wise (2048 byte) erasure and
byte-wise reprogramming. See section 13.14
for details on the flash controller.
A versatile five-channel DMA controller is
available in the system and accesses memory
using a unified memory space (XDATA) and
thus has access to all physical memories.
Each channel is configured (trigger, priority,
transfer mode, addressing mode, source and
destination pointers, and transfer count) with
DMA descriptors anywhere in memory. Many
of the hardware peripherals rely on the DMA
controller for efficient operation (AES core,
flash write controller, USARTs, Timers, ADC
interface)
by
performing
data
transfers
between
a
single
SFR
address
and
flash/SRAM. See section 13.2 for details.
The interrupt controller services a total of 18
interrupt sources, divided into six interrupt
groups, each of which is associated with one
of four interrupt priorities. An interrupt request
is serviced even if the device is in a sleep
mode (power modes 1-3) by bringing the
CC2430 back to active mode (power mode 0).
The debug interface implements a proprietary
two-wire serial interface that is used for in-
circuit
debugging.
Through
this
debug
interface it is possible to perform an erasure of
the entire flash memory, control which
oscillators are enabled, stop and start
execution of the user program, execute
supplied instructions on the 8051 core, set
code breakpoints, and single step through
instructions
in
the
code.
Using
these
techniques it is possible to elegantly perform
in-circuit
debugging
and
external
flash
programming. See section 12.9 for details.
The I/O-controller is responsible for all
general-purpose I/O pins. The CPU can
configure whether peripheral modules control
certain pins or whether they are under
software control, and if so whether each pin is
configured as an input or output and if a pull-
up or pull-down resistor in the pad is
connected. Each peripheral that connects to
the I/O-pins can choose between two different
I/O pin locations to ensure flexibility in various
applications. See section 13.1 for details.
The sleep timer is an ultra-low power timer
that counts 32.768 kHz crystal oscillator or
32.768 kHz RC oscillator periods. The sleep
timer runs continuously in all operating modes
except power mode 3. Typical uses for it is as
a real-time counter that runs regardless of
operating mode (except power mode 3) or as a
wakeup timer to get out of power mode 1 or 2.
See section 13.5 for details.
A built-in watchdog timer allows the
CC2430
to reset itself in case the firmware hangs.
When enabled by software, the watchdog
timer must be cleared periodically, otherwise it
will reset the device when it times out. See
section 13.12 for details.
Timer
1
is
a
16-bit
timer
with
timer/counter/PWM functionality. It has a
programmable prescaler, a 16-bit period value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com