Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 69 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 69 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 65Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 66Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 67Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 68Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 69Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 70Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 71Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 72Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 69 of 232
13 Peripherals
In the following sub-sections each
CC2430
peripheral is described in detail.
The
CC2430 has four timers. These timers all
run on the tick frequency given by the Power
Management
Controller
register
CLKCON.TICKSPD.
13.1 I/O ports
The
CC2430 has 21 digital input/output pins
that can be configured as general purpose
digital I/O or as peripheral I/O signals
connected to the ADC, Timers or USART
peripherals. The usage of the I/O ports is fully
configurable from user software through a set
of configuration registers.
The I/O ports have the following key features:
21 digital input/output pins
General purpose I/O or peripheral I/O
Pull-up or pull-down capability on
inputs
External interrupt capability
The external interrupt capability is available on
all 21 I/O pins. Thus external devices may
generate interrupts if required. The external
interrupt feature can also be used to wake up
from sleep modes.
13.1.1 General Purpose I/O
When used as general purpose I/O, the pins
are organized as three 8-bit ports, ports 0-2,
denoted P0, P1 and P2. P0 and P1 are
complete 8-bit wide ports while P2 has only
five usable bits. All ports are both bit- and byte
addressable through the SFR registers P0, P1
and P2. Each port pin can individually be set to
operate as a general purpose I/O or as a
peripheral I/O.
The output drive strength is 4 mA on all
outputs, except for the two high-drive outputs,
P1_0 and P1_1, which each have 20 mA
output drive strength.
To use a port as a general purpose I/O pin the
pin must first be configured. The registers
PxSEL where x is the port number 0-2 are
used to configure each pin in a port as either a
general purpose I/O pin or as a peripheral I/O
signal. By default, after a reset, all digital
input/output pins are configured as general-
purpose I/O pins.
By default all general-purpose I/O pins are
configured as inputs. To change the direction
of a port pin, at any time, the registers PxDIR
are used to set each port pin to be either an
input or an output. Thus by setting the
appropriate bit within PxDIR, to 1 the
corresponding pin becomes an output.
When reading the port registers P0, P1 and
P2, the logic values on the input pins are
returned regardless of the pin configuration.
This does not apply during the execution of
read-modify-write
instructions.
The
read-
modify-write instructions when operating on a
port registers are the following: ANL, ORL,
XRL, JBC, CPL, INC, DEC, DJNZ and MOV,
CLR or SETB, when the destination is an
individual bit in a port register P0, P1 or P2.
For these read-modify-write instructions, the
value of the register, not the value on the pin,
is read, modified, and written back to the port
register.
When used as an input, the general purpose
I/O port pins can be configured to have a pull-
up, pull-down or tri-state mode of operation. By
default, after a reset, inputs are configured as
inputs with pull-up. To deselect the pull-up or
pull-down function on an input the appropriate
bit within the PxINP must be set to 1. The I/O
port pins P1_0 and P1_1 do not have pull-
up/pull-down capability.
In power modes PM2 and PM3 the I/O pins
retain the I/O mode and output value (if
applicable) that was set when PM2/3 was
entered.
13.1.2 General Purpose I/O Interrupts
General purpose I/O pins configured as inputs
can be used to generate interrupts. The
interrupts can be configured to trigger on
either a rising or falling edge of the external
signal. Each of the P0, P1 and P2 ports have
separate interrupt enable bits common for all
bits within the port located in the IEN1-2
registers as follows:
IEN1.P0IE : P0 interrupt enable
IEN2.P1IE : P1 interrupt enable
IEN2.P2IE : P2 interrupt enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com