Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 41 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 37Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 38Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 39Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 40Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 41Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 42Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 43Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 44Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 41 of 232
12.3.3 Data Pointers
The
CC2430 has two data pointers, DPTR0
and DPTR1 to accelerate the movement of
data blocks to/from memory. The data pointers
are generally used to access CODE or XDATA
space e.g.
MOVC A,@A+DPTR
MOV A,@DPTR.
The data pointer select bit, bit 0 in the Data
Pointer Select register DPS, chooses which
data pointer shall be the active one during
execution of an instruction that uses the data
pointer, e.g. in one of the above instructions.
The data pointers are two bytes wide
consisting of the following SFRs:
DPTR0 – DPH0:DPL0
DPTR1 – DPH1:DPL1
DPH0 (0x83) – Data Pointer 0 High Byte
Bit
Name
Reset
R/W
Description
7:0
DPH0[7:0]
0
R/W
Data pointer 0, high byte
DPL0 (0x82) – Data Pointer 0 Low Byte
Bit
Name
Reset
R/W
Description
7:0
DPL0[7:0]
0
R/W
Data pointer 0, low byte
DPH1 (0x85) – Data Pointer 1 High Byte
Bit
Name
Reset
R/W
Description
7:0
DPH1[7:0]
0
R/W
Data pointer 1, high byte
DPL1 (0x84) – Data Pointer 1 Low Byte
Bit
Name
Reset
R/W
Description
7:0
DPL1[7:0]
0
R/W
Data pointer 1, low byte
DPS (0x92) – Data Pointer Select
Bit
Name
Reset
R/W
Description
7:1
-
0x00
R0
Not used
0
DPS
0
R/W
Data pointer select. Selects active data pointer.
0 : DPTR0
1 : DPTR1
12.3.4 XDATA Memory Access
The
CC2430
provides an additional SFR
register MPAGE. This register is used during
instructions MOVX A,@Ri and MOVX @Ri,A.
MPAGE gives the 8 most significant address
bits, while the register Ri gives the 8 least
significant bits.
In some 8051 implementations, this type of
XDATA access is performed using P2 to give
the most significant address bits. Existing
software may therefore have to be adapted to
make use of MPAGE instead of P2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com