Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 38 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 34Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 35Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 36Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 37Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 38Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 39Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 40Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 41Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 38 of 232
Non-volatile program memory
55 KB
CC2430-F128 XDATA memory
space
Physical memory
8 KB SRAM
Hardware radio
registers
XDATA memory space
DATA
memory space
SFR
memory space
8051 memory spaces
0x0000
Hardware registers
Fast access RAM
0xFF00
Slow access RAM /
program memoryin RAM
0xE000
0xFFFF
0x0000
0xFF
0x80
0xFF
0x00
Hardware SFR
registers
0xEEFF
0xDF00
0xDF80
0xDFFF
0xDEFF
128 KB Flash
0xDEFF
0x0000
lower 55 KB
0xFFFF
0xFFFF
0xDF00
Figure 13: CC2430-F128 XDATA memory space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com