Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 22 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 18Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 19Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 20Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 21Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 22Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 23Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 24Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 25Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 22 of 232
7.15 Timer Inputs AC Characteristics
TA= -40°C to 85°C, VDD=3.0V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Input capture
pulse width
tSYSCLK
ns
Synchronizers determine the shortest input pulse that
can be recognized. The synchronizers operate at the
current system clock rate
Table 19: Timer Inputs AC Characteristics
7.16 DC Characteristics
The DC Characteristics of
CC2430 are listed in Table 20 below.
TA=25°C, VDD=3.0V if nothing else stated.
Digital Inputs/Outputs
Min
Typ
Max
Unit
Condition
Logic "0" input voltage
0
0.7
0.9
V
Logic "1" input voltage
VDD-0.7
VDD
VDD
V
Logic "0" output voltage
0
0
0.25
V
For up to 4mA output current on all pins except
P1_0 and P1_1 which are up to 20 mA
Logic "1" output voltage
VDD-0.25
VDD
VDD
V
For up to 4mA output current on all pins except
P1_0 and P1_1 which are up to 20 mA
Logic "0" input current
NA
–1
–1
µA
Input equals 0V
Logic "1" input current
NA
1
1
µA
Input equals VDD
I/O pin pull-up and pull-down
resistor
17
20
23
kΩ
Table 20: DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com