Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 98 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 98 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 94Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 95Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 96Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 97Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 98Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 99Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 100Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 101Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 98 of 232
13.3 16-bit Timer, Timer1
Timer 1 is an independent 16-bit timer which
supports typical timer/counter functions such
as input capture, output compare and PWM
functions. The timer has three independent
capture/compare channels. The timer uses
one I/O pin per channel. The timer is used for
a wide range of control and measurement
applications and the availability of up/down
count mode with three channels will for
example allow implementation of motor control
applications.
The features of Timer 1 are as follows:
Three capture/compare channels
Rising, falling or any edge input
capture
Set, clear or toggle output compare
Free-running, modulo or up/down
counter operation
Clock prescaler for divide by 1, 8, 32
or 128
Interrupt request generated on each
capture/compare and terminal count
Capture triggered by radio
DMA trigger function
13.3.1 16-bit Timer Counter
The timer consists of a 16-bit counter that
increments or decrements at each active clock
edge. The period of the active clock edges is
defined by the register bits CLKCON.TICKSPD
which sets the global division of the system
clock giving a variable clock tick frequency
from 0.25 MHz to 32 MHz. This is further
divided in Timer 1 by the prescaler value set
by T1CTL.DIV. This prescaler value can be
from 1 to 128. Thus the lowest clock frequency
used by Timer 1 is 1953.125 Hz and the
highest is 32 MHz when the 32 MHz crystal
oscillator is used as system clock source.
When the 16 MHz RC oscillator is used as
system clock source then the highest clock
frequency used by Timer 1 is 16 MHz.
The counter operates as either a free-running
counter, a modulo counter or as an up/down
counter for use in centre-aligned PWM.
It is possible to read the 16-bit counter value
through the two 8-bit SFRs; T1CNTH and
T1CNTL, containing the high-order byte and
low-order byte respectively. When the T1CNTL
is read, the high-order byte of the counter at
that instant is buffered in T1CNTH so that the
high-order byte can be read from T1CNTH.
Thus T1CNTL shall always be read first before
reading T1CNTH.
All write accesses to the T1CNTL register will
reset the 16-bit counter.
The counter produces an interrupt request
when the terminal count value (overflow) is
reached. It is possible to clear and halt the
counter with T1CTL control register settings.
The counter is started when a value other than
00 is written to T1CTL.MODE. If 00 is written to
T1CTL.MODE the counter halts at its present
value.
13.3.2 Timer 1 Operation
In general, the control register T1CTL is used
to control the timer operation. The various
modes of operation are described below.
13.3.3 Free-running Mode
In the free-running mode of operation the
counter starts from 0x0000 and increments at
each active clock edge. When the counter
reaches 0xFFFF the counter is loaded with
0x0000 and continues incrementing its value
as shown in Figure 20. When the terminal
count value 0xFFFF is reached, the flag
T1CTL.OVFIF is set. An interrupt request is
generated if the corresponding interrupt mask
bit TIMIF.OVFIM is set. The free-running
mode can be used to generate independent
time intervals and output signal frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com