Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 28 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 24Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 25Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 26Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 27Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 28Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 29Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 30Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 31Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 28 of 232
10 Power Management
The
CC2430 has four major power modes,
called PM0, PM1, PM2 and PM3. PM0 is the
active mode while PM3 has the lowest power
consumption. The power modes are shown in
Table 23 together with voltage regulator and
oscillator options.
Power
Mode
High speed
oscillator
Low-speed
oscillator
Voltage
regulator
(digital)
A
None
B
32 MHz
XOSC
C
HS
RCOSC
D
Both
A
None
B
32.768
kHz
RCOSC
C
32.768
kHz
XOSC
A
Off
B
On
PM0
B, C, D
B, C
B
PM1
A
B, C
B
PM2
A
B, C
A
PM3
A
A
A
Table 23: Power Modes
PM0 : The full functional mode. The voltage
regulator to the digital core is on and either the
HS-RCOSC or the 32 MHz XOSC or both are
running. Either the 32.768 kHz RCOSC or the
32.768 kHz XOSC is running.
PM1 : The voltage regulator to the digital part
is on. Neither the 32 MHz XOSC nor the HS-
RCOSC are running. Either the 32.768 kHz
RCOSC or the 32.768 kHz XOSC is running.
The system will go to PM0 on reset or an
external interrupt or when the sleep timer
expires.
PM2 : The voltage regulator to the digital core
is turned off. Neither the 32 MHz XOSC nor
the HS-RCOSC are running. Either the 32.768
kHz RCOSC or the 32.768 kHz XOSC is
running. The system will go to PM0 on reset or
an external interrupt or when the sleep timer
expires.
PM3 : The voltage regulator to the digital core
is turned off. None of the oscillators are
running. The system will go to PM0 on reset or
an external interrupt.
Refer to section 13.10 on page 140 for a
detailed description of power management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com