Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 37 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 33Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 34Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 35Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 36Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 37Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 38Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 39Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 40Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 37 of 232
64 KB flash
Code memory space
8051 memory spaces
0xFFFF
0x0000
Physical memory
MEMCTR.MUNIF = 0
CODE maps to flash
memory only
Non-volatile program memory
64 KB
0x0000
0xFFFF
0x0000
0xFFFF
CC2430-F64 CODE memory space
Figure 11: CC2430-F64 Non-unified mapping of CODE Space
Non-volatile program memory
55 KB
Physical memory
8 KB SRAM
Hardware radio
registers
0x0000
Hardware registers
Fast access RAM
0xFF00
Slow access RAM /
program memoryin RAM
0xE000
Hardware SFR
registers
0xDF00
0xDF80
0xDFFF
0xDEFF
64 KB Flash
0x0000
lower 55 KB
0xFFFF
0xDEFF
MEMCTR.MUNIF = 1
CODE maps to unified memory
CC2430-F64 CODE memory space
Figure 12: CC2430-F64 Unified mapping of CODE space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com