Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 100 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 100 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 96Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 97Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 98Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 99Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 100Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 101Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 102Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 103Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 100 of 232
0000h
T1CC0
OVFL
OVFL
Figure 22 : Up/down mode
13.3.6 Channel Mode Control
The channel mode is set with each channel’s
control and status register T1CCTLn. The
settings include input capture and output
compare modes.
13.3.7 Input Capture Mode
When a channel is configured as an input
capture channel, the I/O pin associated with
that channel, is configured as an input. After
the timer has been started, a rising edge,
falling edge or any edge on the input pin will
trigger a capture of the 16-bit counter contents
into the associated capture register. Thus the
timer is able to capture the time when an
external event takes place.
Note: before an I/O pin can be used by the
timer, the required I/O pin must be configured
as a Timer 1 peripheral pin as described in
section 13.1.3 on page 70 .
The channel input pin is synchronized to the
internal system clock. Thus pulses on the input
pin must have a minimum duration greater
than the system clock period.
The contents of the 16-bit capture register is
read out from registers T1CCnH:T1CCnL.
When the capture takes place the interrupt flag
for
the
channel
is
set.
This
bit
is
T1CTL.CH0IF for channel 0, T1CTL.CH1IF
for channel 1, and T1CTL.CH2IF for channel
2. An interrupt request is generated if the
corresponding
interrupt
mask
bit
on
T1CCTL0.IM, T1CCTL1.IM, or T1CCTL2.IM,
respectively, is set.
13.3.8 RF Event Capture
Each timer channel may be configured so that
an RF interrupt event will trigger a capture
instead of the normal input pin capture. This
function is selected with the register bit
T1CCTLx.CPSEL, which selects to use either
the input pin or the RF interrupt as capture
event. When RF is selected as capture input,
the interrupt source(s) enabled by RFIM (see
section 14.4.1 on page 166) will trigger a
capture. In this way the timer can be used to
capture a value when e.g. a start of frame
delimiter (SFD) is detected.
13.3.9 Output Compare Mode
In output compare mode the I/O pin associated
with a channel is set as an output. After the
timer has been started, the contents of the
counter is compared with the contents of the
channel compare register T1CCnH:T1CCnL. If
the compare register equals the counter
contents, the output pin is set, reset or toggled
according to the compare output mode setting
of T1CCTLn.CMP. Note that all edges on
output pins are glitch-free when operating in a
given output compare mode. Writing to the
compare register T1CCnL is buffered so that a
value written to T1CCnL does not take effect
until the corresponding high order register,
T1CCnH is written. For output compare modes
1-3, a new value written to the compare
register T1CCnH:T1CCnL takes effect after the
registers have been written. For other output
compare modes the new value written to the
compare register take effect when the timer
reaches 0x0000.
Note that channel 0 has fewer output compare
modes because T1CC0H:T1CC0L has a
special function in modes 6 and 7, meaning
these modes would not be useful for channel
0.
When a compare occurs, the interrupt flag for
the channel is set. This bit is T1CTL.CH0IF
for channel 0, T1CTL.CH1IF for channel 1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com