Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 35 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 31Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 32Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 33Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 34Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 35Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 36Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 37Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 38Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 35 of 232
Unimplemented
32 KB
32 KB flash
Code memory space
8051 memory spaces
0xFFFF
0x0000
Physical memory
CC2430-F32 CODE memory space
Non-volatile program memory
32 KB
0x0000
0xFFFF
0x0000
0x7FFF
0x7FFF
0x8000
MEMCTR.MUNIF = 0
CODE maps to flash
memory only
Figure 8: CC2430-F32 Non-unified mapping of CODE Space
Non-volatile program memory
32 KB
Physical memory
8 KB SRAM
Hardware radio
registers
0x0000
Hardware registers
Fast access RAM
0xFF00
Slow access RAM /
program memoryin RAM
0xE000
Hardware SFR
registers
0xDF00
0xDF80
0xDFFF
0xDEFF
32 KB Flash
0x0000
0xFFFF
0x7FFF
MEMCTR.MUNIF = 1
CODE maps to unified memory
Unimplemented
23 KB
0x7FFF
0x8000
0xDEFF
CC2430-F32 CODE memory space
Figure 9: CC2430-F32 Unified mapping of CODE space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com