Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 90 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 90 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 86Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 87Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 88Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 89Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 90Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 91Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 92Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 93Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 90 of 232
determine the winner in the case of multiple
simultaneous internal memory requests, and
whether the DMA memory access should have
priority or not over a simultaneous CPU
memory access. In case of an internal tie, a
round-robin scheme is used to ensure access
for all. There are three levels of DMA priority:
High
. Highest internal priority. DMA access
will always prevail over CPU access.
Normal
. Second highest internal priority.
Guarantees that DMA access prevails over
CPU on at least every second try.
Low
. Lowest internal priority. DMA access will
always defer to a CPU access.
13.2.2.9 Byte or Word transfers
Determines whether 8-bit (byte) or 16-bit
(word) are done.
13.2.2.10 Interrupt mask
Upon completing a DMA transfer, the channel
can generate an interrupt to the processor.
This bit will mask the interrupt.
13.2.2.11 Mode 8 setting
This field determines whether to use 7 or 8 bits
of length byte for transfer length. Only
applicable when doing byte transfers.
13.2.3 DMA Configuration Setup
The DMA channel parameters such as
address mode, transfer mode and priority
described in the previous section have to be
configured before a DMA channel can be
armed and activated. The parameters are not
configured directly through SFR registers, but
instead they are written in a special DMA
configuration data structure in memory. Each
DMA channel in use requires its own DMA
configuration
data
structure.
The
DMA
configuration data structure consists of eight
bytes and is described in section 13.2.6 on
page 91. A DMA configuration data structure
may reside at any location decided upon by
the user software, and the address location is
passed to the DMA controller through a set of
SFRs DMAxCFGH:DMAxCFGL, Once a channel
has been armed, the DMA controller will read
the configuration data structure for that
channel,
given
by
the
address
in
DMAxCFGH:DMAxCFGL.
It is important to note that the method for
specifying the start address for the DMA
configuration data structure differs between
DMA channel 0 and DMA channels 1-4 as
follows:
DMA0CFGH:DMA0CFGL gives the start address
for
DMA
channel
0
configuration
data
structure.
DMA1CFGH:DMA1CFGL gives the start address
for DMA channel 1 configuration data structure
followed by channel 2-4 configuration data
structures.
Thus the DMA controller expects the DMA
configuration
data
structures
for
DMA
channels 1-4 to lie in a contiguous area in
memory starting at the address held in
DMA1CFGH:DMA1CFGL and consisting of 32
bytes.
13.2.4 Stopping DMA Transfers
Ongoing DMA transfer or armed DMA
channels will be aborted using the DMAARM
register to disarm the DMA channel.
One or more DMA channels are aborted by
writing the following to the DMAARM register.
Writing a 1 to DMAARM.ABORT, and at
the same time,
Select which DMA channels to abort by
setting
the
corresponding,
DMAARM.DMAARMx bits.
An example of DMA channel arm and disarm
is shown in Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com