Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 17Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 18Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 19Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 20Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 21Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 22Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 23Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 24Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 21 of 232
7.13 Debug Interface AC Characteristics
TA= -40°C to 85°C, VDD=3.0V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Debug clock
period
31.25
ns
See item 1 Figure 3
Debug data setup
5
ns
See item 2 Figure 3
Debug data hold
5
ns
See item 3 Figure 3
Clock to data
delay
10
ns
See item 4 Figure 3, load = 10 pF
RESET_N inactive
after P2_2 rising
10
ns
See item 5 Figure 3
Table 17: Debug Interface AC Characteristics
1
3
2
DEBUG CLK
P2_2
DEBUG DATA
P2_1
DEBUG DATA
P2_1
4
5
RESET_N
Figure 3: Debug Interface AC Characteristics
7.14 Port Outputs AC Characteristics
TA= -40°C to 85°C, VDD=3.0V if nothing else stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
P0, P1, P2 Port
output pins, rise
and fall time
10
ns
Load = 10 pF
Timing is with respect to 10% VDD and 90% VDD levels.
Table 18: Port Outputs AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com