Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 16 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 12Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 13Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 14Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 15Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 16Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 17Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 18Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 19Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 16 of 232
7.4
32 MHz Crystal Oscillator
TA=25°C, VDD=3.0V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
32
MHz
Crystal frequency
accuracy
requirement
- 40
40
ppm
Including aging and temperature dependency, as specified by [1]
ESR
6
16
60
C0
1
1.9
7
pF
CL
10
13
16
pF
Start-up time
140
µs
Table 8: 32 MHz Crystal Oscillator Parameters
7.5
32.768 kHz Crystal Oscillator
TA=25°C, VDD=3.0V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
32.768
kHz
Crystal frequency
accuracy
requirement
–40
40
ppm
Including aging and temperature dependency, as specified by [1]
ESR
40
130
k
C0
0.9
2.0
pF
CL
12
16
pF
Start-up time
450
ms
Table 9: 32.768 kHz Crystal Oscillator Parameters
7.6
Low Power RC Oscillator
TA=25°C, VDD=3.0V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Calibrated frequency
32.768
kHz
Calibrated Low Power RC Oscillator frequency
is XTAL frequency multiplied by 16/15625
Frequency accuracy after
calibration
±0.2
%
Temperature coefficient
+0.4
% /
°C
Frequency drift when temperature changes
after calibration
Supply voltage coefficient
+3
% / V
Frequency drift when supply voltage changes
after calibration
Initial calibration time
4
ms
When the Low Power RC Oscillator is enabled,
calibration is continuously done in the
background as long as the crystal oscillator is
running.
Table 10: Low Power RC Oscillator parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com