Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 62 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 62 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 58Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 59Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 60Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 61Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 62Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 63Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 64Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 65Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 62 of 232
Interrupt number
Interrupt name
0
RFERR
16
RF
8
DMA
1
ADC
9
T1
2
URX0
10
T2
3
URX1
11
T3
4
ENC
12
T4
5
ST
13
P0INT
6
P2INT
7
UTX0
14
UTX1
15
P1INT
17
WDT
Polling sequence
Table 32: Interrupt Polling Sequence
12.8 Oscillators and clocks
The
CC2430 has one internal system clock.
The source for the system clock can be either
a 16 MHz high-frequency RC oscillator or a 32
MHz crystal oscillator. Clock control is
performed using the CLKCON SFR register
described in section 13.10.
The system clock also feeds all 8051
peripherals (as described in section 6).
The choice of oscillator allows a trade-off
between high-accuracy in the case of the
crystal oscillator and low power consumption
when the high-frequency RC oscillator is used.
Note that operation of the RF transceiver
requires that the crystal oscillator is used.
12.9 Debug Interface
The
CC2430 includes a debug interface that
provides a two-wire interface to an on-chip
debug module. The debug interface allows
programming of the on-chip flash and it
provides access to memory and register
contents
and
debug
features
such
as
breakpoints,
single-stepping
and
register
modification.
The debug interface uses the I/O pins P2_1 as
Debug Data and P2_2 as Debug Clock during
Debug mode. These I/O pins can be used as
general purpose I/O only while the device is
not in Debug mode. Thus the debug interface
does not interfere with any peripheral I/O pins.
12.9.1 Debug Mode
Debug mode is entered by forcing two rising
edge transitions on pin P2_2 (Debug Clock)
while the RESET_N input is held low.
While in Debug mode pin P2_1 is the Debug
Data bi-directional pin and P2_2 is the Debug
Clock input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com