Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 17 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 17 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 13Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 14Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 15Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 16Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 17Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 18Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 19Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 20Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 17 of 232
7.7
High Speed RC Oscillator
TA=25°C, VDD=3.0V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Frequency
16
MHz
Calibrated High Speed RC Oscillator
frequency is XTAL frequency multiplied by 1/2
Uncalibrated frequency
accuracy
±18
%
Measured on Chipcon’s
CC2430 EM reference
design.
Calibrated frequency
accuracy
±0.6
±1
%
Start-up time
10
µs
Temperature coefficient
-325
ppm /
°C
Frequency drift when temperature changes
after calibration
Supply voltage coefficient
28
ppm / mV
Frequency drift when supply voltage changes
after calibration
Initial calibration time
50
µs
When the High Speed RC Oscillator is
enabled, calibration is continuously done in the
background as long as the crystal oscillator is
running.
Table 11: High Speed RC Oscillator parameters
7.8
Frequency Synthesizer Characteristics
TA=25°C, VDD=3.0V if nothing else stated. Measured on Chipcon’s CC2430 EM reference design.
Parameter
Min
Typ
Max
Unit
Condition/Note
Phase noise
−107
−113
−119
−121
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At ±1 MHz offset from carrier
At ±2 MHz offset from carrier
At ±3 MHz offset from carrier
At ±5 MHz offset from carrier
PLL lock time
192
µs
The startup time when the crystal oscillator is running
and RX / TX turnaround time
Table 12: Frequency Synthesizer Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com