Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 127 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 127 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 123Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 124Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 125Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 126Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 127Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 128Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 129Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 130Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 127 of 232
13.7 ADC
13.7.1 ADC Introduction
The ADC supports up to 14-bit analog-to-
digital conversion. The ADC includes an
analog multiplexer with up to eight
individually
configurable
channels,
reference
voltage
generator
and
conversion results written to memory
through DMA. Several modes of operation
are available.
The main features of the ADC are as
follows:
Selectable decimation rates which
also sets the resolution (8 to 13 bits).
Eight individual input channels, single-
ended or differential
Reference
voltage
selectable
as
internal,
external
single
ended,
external differential or AVDD_SOC.
Interrupt request generation
DMA triggers at end of conversions
Temperature sensor input
Battery measurement capability
input
mux
Sigma-delta
modulator
Decimation
filter
Clock generation and
control
AIN0
AIN7
ref
mux
input
mux
VDD/3
TMP_SENSOR
Int 1.25V
AIN7
AVDD
AIN6-AIN7
Figure 26: ADC block diagram.
13.7.2 ADC Operation
This section describes the general setup
and operation of the ADC and describes
the usage of the ADC control and status
registers accessed by the CPU.
13.7.2.1 ADC Core
The ADC includes an ADC capable of
converting an analog input into a digital
representation
with
up
to
13
bits
resolution. The ADC uses a selectable
positive reference voltage.
13.7.2.2 ADC Inputs
The signals on the P0 port pins can be
used as ADC inputs. In the following these
port pin will be referred to as the AIN0-
AIN7 pins. The input pins AIN0-AIN7 are
connected to the ADC. The ADC can be
set
up
to
automatically
perform
a
sequence of conversions and optionally
perform an extra conversion from any
channel when the sequence is completed.
It is possible to configure the inputs as
single-ended or differential inputs. In the
case where differential inputs are selected,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com