Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 155 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 155 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 151Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 152Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 153Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 154Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 155Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 156Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 157Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 159Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 155 of 232
U1UCR (0xFB) – USART 1 UART Control
Bit
Name
Reset
R/W
Description
7
FLUSH
0
R0/W1
Flush unit. When set, this event will immediately stop the current
operation and return the unit to idle state.
UART hardware flow enable. Selects use of hardware flow control
with RTS and CTS pins
0
Flow control disabled
6
FLOW
0
R/W
1
Flow control enabled
UART data bit 9 contents. This value is used 9 bit transfer is
enabled. When parity is disabled, the value written to
D9 is
transmitted as the bit 9 when 9 bit data is enabled.
If parity is enabled then this bit sets the parity level as follows.
0Odd parity
5
D9
0
R/W
1
Even parity
UART 9-bit data enable. When this bit is 1, data is 9 bits and the
content of data bit 9 is given by
D9 and PARITY.
0
8 bits transfer
4
BIT9
0
R/W
1
9 bits transfer
UART parity enable.
0
Parity disabled
3
PARITY
0
R/W
1
Parity enabled
UART number of stop bits. Selects the number of stop bits to
transmit
0
1 stop bit
2
SPB
0
R/W
1
2 stop bits
UART stop bit level
0
Low stop bit
1
STOP
1
R/W
1
High stop bit
UART start bit level. The polarity of the idle line is assumed the
opposite of the selected start bit level.
0
Low start bit
0
START
0
R/W
1
High start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com