Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F64Z Datasheet(PDF) 214 Page - Texas Instruments

Part # CC2430-RTR1-F64Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F64Z Datasheet(HTML) 214 Page - Texas Instruments

Back Button CC2430-RTR1-F64Z Datasheet HTML 210Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 211Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 212Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 213Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 214Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 215Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 216Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 217Page - Texas Instruments CC2430-RTR1-F64Z Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 214 of 232
Bit
Name
Reset
R/W
Description
7
VGA_RESET_N
1
R/W
The VGA_RESET_N signal is used to reset the peak
detectors in the VGA in the RX chain.
6
BIAS_PD
1
R/W
Reserved, read as 0
5
BALUN_CTRL
1
R/W
The BALUN_CTRL signal controls whether the PA should
receive its required external biasing (1) or not (0) by
controlling the RX/TX output switch.
4
RXTX
1
R/W
RXTX signal: controls whether the LO buffers (0) or PA
buffers (1) should be used.
3
PRE_PD
1
R/W
Powerdown of prescaler.
2
PA_N_PD
1
R/W
Powerdown of PA (negative path).
1
PA_P_PD
1
R/W
Powerdown of PA (positive path). When PA_N_PD=1 and
PA_P_PD=1 the up conversion mixers are in powerdown.
0
DAC_LPF_PD
1
R/W
Powerdown of TX DACs.
Table 70: Register MANANDH (0xDF22)
Bit
Name
Reset
R/W
Description
7
-
0
R0
Reserved, read as 0
6
RXBPF_CAL_PD
1
R/W
Powerdown control of complex band pass receive filter
calibration oscillator.
5
CHP_PD
1
R/W
Powerdown control of charge pump.
4
FS_PD
1
R/W
Powerdown control of VCO, I/Q generator, LO buffers.
3
ADC_PD
1
R/W
Powerdown control of the ADCs.
2
VGA_PD
1
R/W
Powerdown control of the VGA.
1
RXBPF_PD
1
R/W
Powerdown control of complex band pass receive filter.
0
LNAMIX_PD
1
R/W
Powerdown control of LNA, down conversion mixers and
front-end bias.
Table 71: Register MANANDL (0xDF23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com