Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 143 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 143 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 139Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 140Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 141Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 142Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 143Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 144Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 145Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 146Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 143 of 232
CLKCON (0xC6) – Clock Control
Bit
Name
Reset
R/W
Description
7
OSC32K
1
R/W
32 kHz clock oscillator select. The 16 MHz high speed RC
oscillator must be selected as system clock source when this bit is
to be changed.
0 – 32 kHz crystal oscillator
1 – 32 kHz RC oscillator
6
OSC
1
R/W
System clock oscillator select:
0 – 32 MHz crystal oscillator
1 – 16 MHz high speed RC oscillator
This setting will only take effect when the selected oscillator is
powered up and stable. If the selected oscillator is not powered up,
then writing this bit will power it up.
5:3
TICKSPD[2:0]
001
R/W
Timer ticks output setting, can not be higher than system clock
setting given by
OSC bit setting
000 – System clock
001 – System clock / 2
010 – System clock / 4
011 – System clock / 8
100 – System clock / 16
101 – System clock / 32
110 – System clock / 64
111 – System clock / 128
2:1
-
00
R/W
Reserved. Must always be set to 00.
0
CLKSPD
1
R/W
Clock Speed. Sets system clock frequency together with the
OSC
bit setting
0 – 32 MHz
1 – 16 MHz
This bit must always follow the value of the
OSC bit, which
selects which oscillator to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com