Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 145 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 145 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 141Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 142Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 143Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 144Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 145Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 146Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 147Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 148Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 145 of 232
13.12 Watchdog Timer
The watchdog timer (WDT) is intended as
a recovery method in situations where the
CPU may be subjected to a software
upset. The WDT shall reset the system
when software fails to clear the WDT
within a selected time interval. The
watchdog can be used in applications that
are subject to electrical noise, power
glitches, electrostatic discharge etc., or
where high reliability is required. If the
watchdog function is not needed in an
application, it is possible to configure the
watchdog timer to be used as an interval
timer that can be used to generate
interrupts at selected time intervals.
The features of the watchdog timer are as
follows:
•
Four selectable timer intervals
•
Watchdog mode
•
Timer mode
•
Interrupt request generation in timer
mode
•
Clock independent from system clock
The WDT is configured as either a
watchdog timer or as a timer for general-
purpose use. The operation of the WDT
module is controlled by the WDCTL
register. The watchdog timer consists of
an 15-bit counter clocked by the 32.768
kHz oscillator clock. Note that the contents
of the 15-bit counter is not user-
accessible.
13.12.1 Watchdog mode
The watchdog timer is disabled after a
system reset. To set the WDT in watchdog
mode the WDCTL.MODE bit is set to 0. The
watchdog
timer
counter
starts
incrementing
when
the
enable
bit
WDCTL.EN is set to 1. When the timer is
enabled in watchdog mode it is not
possible to disable the timer. Therefore,
writing a 0 to WDCTL.EN has no effect if a
1 was already written to this bit when
WDCTL.MODE was 0.
The WDT operates with a watchdog timer
clock frequency of 32.768 kHz. This clock
frequency gives time-out periods equal to
1.9 ms, 15.625 ms, 0.25 s and 1 s
corresponding to the count value settings
64, 512, 8192 and 32768 respectively.
If the counter reaches the selected timer
interval
value,
the
watchdog
timer
generates a reset signal for the system. If
a watchdog clear sequence is performed
before the counter reaches the selected
timer interval value, the counter is reset to
0x0000 and continues incrementing its
value. The watchdog clear sequence
consists
of
writing
0xA
to
WDCTL.CLR[3:0] followed by writing 0x5
to the same register bits within one half of
a watchdog clock period. If this complete
sequence is not performed, the watchdog
timer generates a reset signal for the
system. Note that as long as a correct
watchdog clear sequence begins within
the selected timer interval, the counter is
reset when the complete sequence has
been received.
When the watchdog timer has been
enabled in watchdog mode, it is not
possible to change the mode by writing to
the WDCTL.MODE bit. The timer interval
value can be changed by writing to the
WDCTL.INT[1:0] bits.
Note that it is recommended that user
software clears the watchdog timer at the
same time as the timer interval value is
changed, in order to avoid an unwanted
watchdog reset.
In watchdog mode, the WDT does not
produce an interrupt request.
13.12.2
Timer mode
To set the WDT in normal timer mode, the
WDCTL.MODE bit is set to 1. When register
bit WDCTL.EN is set to 1, the timer is
started
and
the
counter
starts
incrementing. When the counter reaches
the selected interval value, the timer will
produce an interrupt request.
In timer mode, it is possible to clear the
timer
contents
by
writing
a
1
to
WDCTL.CLR[0].
When
the
timer
is
cleared the contents of the counter is set
to 0x0000. Writing a 0 to the enable bit
WDCTL.EN stops the timer and writing 1
restarts the timer from 0x0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com