Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 160 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 160 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 156Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 157Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 159Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 160Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 161Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 162Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 163Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 160 of 232
Note: if flash erase operations are
performed from within flash memory and
the watchdog timer is enabled, a watchdog
timer interval must be selected that is
longer than 20 ms, the duration of the
flash erase operation, so that the CPU will
manage to clear the watchdog timer.
Performing flash erase from flash memory.
The steps required to perform a flash page
erase from within flash memory are
outlined in Figure 36.
Note that, while executing program code
from within flash memory, when a flash
erase or write operation is initiated,
program execution will resume from the
next instruction when the flash controller
has completed the operation.
; Erase page in flash memory
; Assumes 32 MHz system clock is used
;
CLR
EA
;mask interrupts
C1:
MOV
A,FCTL
;wait until flash controller is ready
JB
ACC.7,C1
MOV
FADDRH,#00h
;setup flash address high
MOV
FWT,#2Ah
;setup flash timing
MOV
FCTL,#01h
;erase page
RET
;continues here when flash is ready
Figure 36: Flash page erase performed from flash memory
13.14.3 Flash Lock Protection
For software protection purposes a set of
lock protection bits can be written once
after each chip erase has been performed.
The lock protect bits can only be written
through the Debug Interface. There are
three kinds of lock protect bits as
described in this section. The flash lock
bits reside at location 0x000 in the Flash
Information page as described in section
12.11.
The LSIZE[2:0] lock protect bits are
used to define a section of the flash
memory which is write protected. The size
of the write protected area can be set by
the LSIZE[2:0] lock protect bits in sizes
of eight steps from 0 to 128 KB.
The second type of lock protect bits is
BBLOCK, which is used to lock the boot
sector page (page 0 ranging from address
0 to 0x07FF). When BBLOCK is set to 0,
the boot sector page is locked.
The third type of lock protect bit is
DBGLOCK, which is used to disable
hardware debug support through the
Debug Interface. When DBGLOCK is set to
0, all debug commands are disabled.
The lock protect bits are written as a
normal flash write to FWDATA, but the
Debug Interface needs to select the Flash
Information Page first instead of the Flash
Main Page which is the default setting.
The Information Page is selected through
the Debug Configuration which is written
through the Debug Interface only. Refer to
section 12.9 on page 62 for details on how
the Flash Information Page is selected
using the Debug Interface.
Table 40 defines the byte containing the
flash lock protection bits. Note that this is
not an SFR register, but instead the byte
stored
at
location
0x000
in
Flash
Information Page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com