Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 162 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 162 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 158Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 159Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 160Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 161Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 162Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 163Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 164Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 165Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 162 of 232
13.14.6 Flash Controller Registers
The
Flash
Controller
registers
are
described in this section.
FCTL (0xAE) – Flash Control
Bit
Name
Reset
R/W
Description
7
BUSY
0
R
Indicates that write or erase is in operation
6
SWBSY
0
R
Indicates that single write is busy; avoid writing to FWDATA
register while this is true
5
-
0
R/W
Not used.
4
CONTRD
0
R/W
Continuous read enable mode
0
Avoid wasting power; turn on read enables to flash only
when needed
1
Enable continuous read enables to flash when read is to
be done. Reduces internal switching of read enables, but
greatly increases power consumption.
3:2
0
R/W
Not used.
1
WRITE
0
R0/W
Page Write. Start writing page given by
FADDRH:FADDRL. If
ERASE is set to 1, a page erase is performed before the write.
0
ERASE
0
R0/W
Page Erase. Erase page that is given by
FADDRH[6:1]
FWDATA (0xAF) – Flash Write Data
Bit
Name
Reset
R/W
Description
7:0
FWDATA[7:0]
0x00
R/W
Flash write data. Data written to
FWDATA is written to flash when
FCTL.WRITE is set to 1.
FADDRH (0xAD) – Flash Address High Byte
Bit
Name
Reset
R/W
Description
7
-
0
R/W
Not used
6:0
FADDRH[6:0]
0x00
R/W
High byte of flash address
Bits 6:1 will select page to access, while bit 0 is MSB of row
access.
FADDRL (0xAC) – Flash Address Low Byte
Bit
Name
Reset
R/W
Description
7:0
FADDRL[7:0]
0x00
R/W
Low byte of flash address
Bit 0 of FADDRH and bits 7:6 will select which row to write to,
while bits 5:0 will select which location to write to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com