Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 193 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 193 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 189Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 190Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 191Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 192Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 193Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 194Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 195Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 196Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 193 of 232
Table 44: Instruction Set Summary
Opcode Bit number
Mnemonic
7
6
5
4
3
2
1
0
Description
SKIP C,S
0
S
N
C
Skip S instructions when
condition (C xor N) is true
5
WAIT W
1
0
0
W
Wait for MAC Timer overflow
count equal W
WEVENT
1
0
1
1
1
0
0
0
Wait until MAC Timer first
compare
WAITX
1
0
1
1
1
0
1
1
Wait for MAC Timer overflow
count equal CSPX
LABEL
1
0
1
1
1
0
1
0
Label next instruction as loop
start
RPT
1
0
1
0
N
C
Repeat from start of loop if
condition (C xor N) is true
INT
1
0
1
1
1
0
0
1
Assert interrupt
INCY
1
0
1
1
1
1
0
1
Increment CSPY
INCMAXY
1
0
1
1
0
M
Increment CSPY not greater
than M
DECY
1
0
1
1
1
1
1
0
Decrement CSPY
DECZ
1
0
1
1
1
1
1
1
Decrement CSPZ
RANDXY
1
0
1
1
1
1
0
0
Load CSPX with CSPY bit
random value.
Sxxx
1
1
0
STRB
Command strobe instructions
6
ISxxx
1
1
1
STRB
Immediate strobe instructions
7
5 Refer to section 14.34.8 for full description of each instruction
6 The Command strobe instruction is divided into eleven sub-instructions as defined by the
STRB field. See sections 14.34.8.13 to 14.34.8.23 for a description.
7 The Immediate strobe instruction is divided into eleven sub-instructions as defined by the
STRB field. See sections 0 to 14.34.8.34 for a description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com