Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 194 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 194 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 190Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 191Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 192Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 193Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 194Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 195Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 196Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 197Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 194 of 232
14.34.8 Instruction Set Definition
There are 14 basic instruction types.
Furthermore the Command Strobe and
Immediate Strobe instructions can each be
divided into eleven sub-instructions giving
an effective number of 34 different
instructions. The following sub-sections
describe each instruction.
Note: the following definitions are used in
this section
PC
=
CSP program counter
X
=
RF register CSPX
Y
=
RF register CSPY
Z
=
RF register CSPZ
T
=
RF register CSPT
14.34.8.1 DECZ
Function:
Decrement Z
Description:
The
Z
register
is
decremented by 1. An original value of
0x00 will underflow to 0x0FF.
Operation:
Z := Z-1
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
1
1
1
14.34.8.2 DECY
Function:
Decrement Y
Description:
The
Y
register
is
decremented by 1. An original value of
0x00 will underflow to 0x0FF.
Operation:
Y := Y-1
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
1
1
0
14.34.8.3 INCY
Function:
Increment Y
Description:
The
Y
register
is
incremented by 1. An original value of
0x0FF will overflow to 0x00.
Operation:
Y := Y+1
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
1
0
1
14.34.8.4 INCMAXY
Function:
Increment Y not greater
than M.
Description:
The
Y
register
is
incremented by 1 if the result is less than
M otherwise Y register is loaded with value
M.
Operation:
Y:= min(Y+1, M)
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
0
M
14.34.8.5 RANDXY
Function:
Load random value into X
Description:
The [Y] LSB bits of X
register are loaded with random value.
Note that if two RANDXY instructions are
issued immediately after each other the
same random value will be used in both
cases.
Operation:
X[Y-1:0]:= RNG_DOUT[Y-
1:0], X[7:Y] := 0
Opcode:
7
6
5
4
3
2
1
0
1
0
1
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com