Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 205 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 205 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 201Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 202Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 203Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 204Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 205Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 206Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 207Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 208Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 209Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 205 of 232
Bit
Name
Reset
R/W
Function
7:5
-
000
R/W
Reserved. Always set to 000
4
PAN_COORDINATOR
0
R/W
PAN Coordinator enable. Used for filtering packets with no
destination address, as specified in section 7.5.6.2 in
802.15.4 [1]
0 : Device is not a PAN Coordinator
1 : Device is a PAN Coordinator
3
ADR_DECODE
1
R/W
Hardware Address decode enable.
0 : Address decoding is disabled
1 : Address decoding is enabled
2:0
CCA_HYST[2:0]
010
R/W
CCA Hysteresis in dB, values 0 through 7 dB
Table 46: Register MDMCTRL0H (0xDF02)
Bit
Name
Reset
R/W
Description
7:6
CCA_MODE[1:0]
11
R/W
Clear Channel Assessment mode select.
00 : Reserved
01 : CCA=1 when RSSI < CCA_THR-CCA_HYST
CCA=0 when RSSI >= CCA_THR
10 : CCA=1 when not receiving a packet
11 : CCA=1 when RSSI < CCA_THR-CCA_HYST and not
receiving a packet
CCA=0 when RSSI >= CCA_THR or receiving a packet
5
AUTOCRC
1
R/W
In packet mode a CRC-16 (ITU-T) is calculated and is
transmitted after the last data byte in TX. In RX CRC is
calculated and checked for validity.
4
AUTOACK
0
R/W
If AUTOACK is set, all packets accepted by address
recognition with the acknowledge request flag set and a
valid CRC are ack’ed 12 symbol periods after being
received.
3:0
PREAMBLE_LENGTH[3:0]
0010
R/W
The number of preamble bytes (2 zero-symbols) to be sent
in TX mode prior to the SYNCWORD. The reset value of
0010 is compliant with IEEE 802.15.4, since the 4
th zero
byte is included in the SYNCWORD.
0000 : 1 leading zero bytes (not recommended)
0001 : 2 leading zero bytes (not recommended)
0010 : 3 leading zero bytes (IEEE 802.15.4 compliant)
0011 : 4 leading zero bytes
…
1111 : 16 leading zero bytes
Table 47: Register MDMCTRL0L (0xDF03)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com