Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 208 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 208 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 204Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 205Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 206Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 207Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 208Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 209Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 210Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 211Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 208 of 232
Bit
Name
Reset
R/W
Description
7:6
TXMIXBUF_CUR[1:0]
10
R/W
TX mixer buffer bias current.
00 : 690 uA
01 : 980 uA
10 : 1.16 mA (nominal)
11 : 1.44 mA
5
TX_TURNAROUND
1
R/W
Sets the wait time after STXON before transmission is
started.
0 : 8 symbol periods (128 us)
1 : 12 symbol periods (192 us)
4:3
TXMIX_CAP_ARRAY[1:0]
0
R/W
Selects varactor array settings in the transmit mixers.
2:1
TXMIX_CURRENT[1:0]
0
R/W
Transmit mixers current:
00 : 1.72 mA
01 : 1.88 mA
10 : 2.05 mA
11 : 2.21 mA
0
PA_DIFF
1
R/W
Power Amplifier (PA) output select. Selects differential or
single-ended PA output.
0 : Single-ended output
1 : Differential output
Table 54: Register TXCTRLH (0xDF0A)
Bit
Name
Reset
R/W
Description
7:5
PA_CURRENT[2:0]
011
R/W
Current programming of the PA
000 : -3 current adjustment
001 : -2 current adjustment
010 : -1 current adjustment
011 : Nominal setting
100 : +1 current adjustment
101 : +2 current adjustment
110 : +3 current adjustment
111 : +4 current adjustment
4:0
PA_LEVEL[4:0]
0x1F
R/W
Output PA level. (~0 dBm)
Table 55: Register TXCTRLL (0xDF0B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com