Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430-RTR1-F32Z Datasheet(PDF) 211 Page - Texas Instruments

Part # CC2430-RTR1-F32Z
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2430-RTR1-F32Z Datasheet(HTML) 211 Page - Texas Instruments

Back Button CC2430-RTR1-F32Z Datasheet HTML 207Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 208Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 209Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 210Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 211Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 212Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 213Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 214Page - Texas Instruments CC2430-RTR1-F32Z Datasheet HTML 215Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 234 page
background image
CC2430
CC2430 PRELIMINARY Data Sheet (rev. 1.03) SWRS036A
Page 211 of 232
Bit
Name
Reset
R/W
Description
7:6
LOCK_THR[1:0]
01
R/W
Number of consecutive reference clock periods with
successful sync windows required to indicate lock:
00 : 64
01 : 128
10 : 256
11 : 512
5
CAL_DONE
0
R
Frequency synthesizer calibration done.
0 : Calibration not performed since the last time the FS was
turned on.
1 : Calibration performed since the last time the FS was
turned on.
4
CAL_RUNNING
0
R
Calibration status, '1' when calibration in progress.
3
LOCK_LENGTH
0
R/W
LOCK_WINDOW pulse width:
0: 2 CLK_PRE periods
1: 4 CLK_PRE periods
2
LOCK_STATUS
0
R
PLL lock status
0 : PLL is not in lock
1 : PLL is in lock
1:0
FREQ[9:8]
01
(2405
MHz)
R/W
Frequency control word. Used directly in TX, in RX the LO
frequency is automatically set 2 MHz below the RF
frequency.
[]
[]
()
[]
() MHz
2
0
:
9
2048
MHz
0
:
9
2048
4
0
:
9
2048
RXEN
FREQ
f
FREQ
f
FREQ
division
Frequency
LO
RF
⋅
−
+
=
+
=
⇔
+
=
Table 60: Register FSCTRLH (0xDF10)
Bit
Name
Reset
R/W
Description
7:0
FREQ[7:0]
0x65
(2405
MHz)
R/W
Frequency control word. Used directly in TX, in RX the LO
frequency is automatically set 2 MHz below the RF
frequency.
[]
[]
()
[]
() MHz
2
0
:
9
2048
MHz
0
:
9
2048
4
0
:
9
2048
RXEN
FREQ
f
FREQ
f
FREQ
division
Frequency
LO
RF
⋅
−
+
=
+
=
⇔
+
=
Table 61: Register FSCTRLL (0xDF11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com