Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 47 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 47 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 43Page - STMicroelectronics FDA803U Datasheet HTML 44Page - STMicroelectronics FDA803U Datasheet HTML 45Page - STMicroelectronics FDA803U Datasheet HTML 46Page - STMicroelectronics FDA803U Datasheet HTML 47Page - STMicroelectronics FDA803U Datasheet HTML 48Page - STMicroelectronics FDA803U Datasheet HTML 49Page - STMicroelectronics FDA803U Datasheet HTML 50Page - STMicroelectronics FDA803U Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
DS12497 Rev 2
47/76
FDA803U
Diagnostic
75
10.10
Watch-dog
The user can enable an internal watch-dog, setting I2C IB9[4]='1'.
The function is based on a timer which is reset at each Word Select line rising edge, and
which reaches the timeout in:
2.9 ms if fs = 44.1 kHz;
2.7 ms if fs = 48 kHz, 96 kHz, 192 kHz.
When the timer reaches the timeout, the function performs two operations:
Sends a muting command to the amplifier
Sets a flag on DB6[2]
In case of timeout, the muting command is released as soon as the timer is reset by a new
Word Select line edge.
10.11
Error frame check
The device integrates a function called "Error frame check", which is permanently enabled.
The function counts the number of rising edges received on the Clock line, starting from
each rising edge of Word Select line. At the end of the data frame, marked by the
subsequent rising edge on Word Select line, the function checks that the reached count is
coherent with the I2C configuration of the I2S protocol.
In case the function detects an error, the device sets a flag on DB6[1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com