Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 15 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 15 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 11Page - STMicroelectronics FDA803U Datasheet HTML 12Page - STMicroelectronics FDA803U Datasheet HTML 13Page - STMicroelectronics FDA803U Datasheet HTML 14Page - STMicroelectronics FDA803U Datasheet HTML 15Page - STMicroelectronics FDA803U Datasheet HTML 16Page - STMicroelectronics FDA803U Datasheet HTML 17Page - STMicroelectronics FDA803U Datasheet HTML 18Page - STMicroelectronics FDA803U Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
DS12497 Rev 2
15/76
FDA803U
Electrical specifications
75
I2S bus interface
VIL-I2S
I2S pins low voltage
-
-
-
0.8
V
IL
Input logic current, low
VI = 0 V
-
-
500
nA
VIH-I2S
I2S pins high voltage
-
1.3
-
-
V
IH
Input logic current, high
VI = 3.6 V
-
-
500
nA
-
High level output
voltage
@ Iout = 1 mA
1.6
1.75
-
V
-
Low level output voltage @ Iout = 1 mA
-
0.075
0.2
V
Control pins characteristics
VENL
Enable pins low voltage -
-
-
0.9
V
VENH
Enable pins high voltage -
2.4
-
-
V
Clipping and offset detector
CDTHD
Clip det THD (9)
THD @ 100 Hz with average
Vclipdet = 2 V - Vpullup = 3.3 V
57
9
%
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
150
300
mV
CDLK
Clip det leakage current CD pin at 3.6 V
-
-
15
μA
Vofflin
Input DC offset
detection threshold
Theshold at which an offset present at inputs
is detected
-
-18
-
dB
Voffout
Output DC offset
detection threshold(10)
Input high pass filter disable
±1.4
±2
±2.6
V
1. Value measured using output coil with following characteristics: core saturation current higher than 10 A, RS at
400 kHz = 145 mΩ.
2. Measured at bench during product validation (values before LC filter). Guaranteed by correlation factor.
3. Parameter values based on bench measurements (guaranteed by correlation with overvoltage shutdown).
4. The thermal warnings are always in tracking.
5. Test correlated to the RdsON measurement (ATE test).
6. If outphase modulation selected (IB1,D0), slow slope configuration must be used (IB11,D3).
7. When selecting the low gain, also the thresholds for "DC diagnostic" function and "Open load in play detector" function
scale of the same factor with respect to standard gain configuration.
8. See Chapter 7: Muting function architecture for more details.
9. Guaranteed by correlation.
10. Measured at bench during product validation.
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com