Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 71 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 71 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 67Page - STMicroelectronics FDA803U Datasheet HTML 68Page - STMicroelectronics FDA803U Datasheet HTML 69Page - STMicroelectronics FDA803U Datasheet HTML 70Page - STMicroelectronics FDA803U Datasheet HTML 71Page - STMicroelectronics FDA803U Datasheet HTML 72Page - STMicroelectronics FDA803U Datasheet HTML 73Page - STMicroelectronics FDA803U Datasheet HTML 74Page - STMicroelectronics FDA803U Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
DS12497 Rev 2
71/76
FDA803U
I2C register
75
Table 31. DB3-ADDR: “I0100011” DC Diagnostic Error code
Data bit
Type
Definition
D7
SR/C
DC Diagnostic Error code
D6
D5
D4
D3
D2
D1
D0
Table 32. DB6-ADDR:"I0100110"
Data bit
Type
Definition
D7
S/C
0 – High Voltage Mute not Started
1 – High Voltage Mute Started
D6
S/C
0 – UVLOVCC not detected
1 – UVLOVCC detected
D5
S/C
0 – Thermal shutdown not detected
1 – Thermal shutdown detected
D4
S/C
0 – No analog mute started
1 – Start analog mute (-0.5 dB attenuation reached)
D3
S/C
Reserved
D2
SR/C
0 – watch-dog for word select not occured
1 – watch-dog for word select occurred
D1
S/C
0 – no error frame checked
1 – error frame checked
D0
S/C
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com