Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 43 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 43 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 39Page - STMicroelectronics FDA803U Datasheet HTML 40Page - STMicroelectronics FDA803U Datasheet HTML 41Page - STMicroelectronics FDA803U Datasheet HTML 42Page - STMicroelectronics FDA803U Datasheet HTML 43Page - STMicroelectronics FDA803U Datasheet HTML 44Page - STMicroelectronics FDA803U Datasheet HTML 45Page - STMicroelectronics FDA803U Datasheet HTML 46Page - STMicroelectronics FDA803U Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
DS12497 Rev 2
43/76
FDA803U
Diagnostic
75
Moreover, if the high-pass filter function is enabled through IB3[2], the input offset is
eliminated, guaranteeing a complete robustness in case of any malfunction coming from the
audio signal source.
10.6
Output voltage offset detector
The output voltage offset detector aim is to detect a voltage offset on the output.
For this purpose, an internal circuit detects when the voltage value on FBP pin or on FBM
pin exceeds 1V difference with respect to Vcc/2 value, generating a fault condition. If the
fault condition persists for 90ms consecutively, the circuits sets the flag on I2C bit DB0[3]. As
soon as the fault condition is removed, both the flag DB0[3] and the 90ms counter are reset.
The implemented logic avoids false detections in case of very low signal frequency.
The feature operation is showed in Figure 55:
Figure 55. Output voltage offset detector operation
When enabled, the feature is active both in MUTE and in PLAY states.
Please note that the Output Voltage Offset Detector must not be enabled when FBP and
FBM pins are shorted with OUTP and OUTM pins the full-swing PWM outputs don't allow
the fault condition persisting for more than 90ms even in case of offset. A valid and robust
alternative is provided by the Output Current Offset Detector.
The offset detector output is provided in two forms:
Enables the pull down on CDDiag pin, if IB4[7]='1'
Sets the flag DB0[3]='1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com