Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 12 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 12 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 8Page - STMicroelectronics FDA803U Datasheet HTML 9Page - STMicroelectronics FDA803U Datasheet HTML 10Page - STMicroelectronics FDA803U Datasheet HTML 11Page - STMicroelectronics FDA803U Datasheet HTML 12Page - STMicroelectronics FDA803U Datasheet HTML 13Page - STMicroelectronics FDA803U Datasheet HTML 14Page - STMicroelectronics FDA803U Datasheet HTML 15Page - STMicroelectronics FDA803U Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Electrical specifications
FDA803U
12/76
DS12497 Rev 2
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
Thermal data
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC [VCCP ,VCCM, AVDD,
DVDD]
DC supply voltage
-0.3 to 28
V
Transient supply voltage for t = 100 ms(1)
1. VCC = 35 V for t < 400 ms as per ISO16750-2 load dump with centralized load dump suppression.
-0.3 to 40
V
GNDmax [DGND, AGND,
GNDP, GNDM]
Ground pin voltage difference
-0.3 to 0.3
V
I2Cdata, I2Cclk
I2C bus pins voltage
-0.3 to 5.5
V
I2Stest, I2Sdata, I2Sclk, I2Sws I2S bus pins voltage
-0.3 to 5.5
V
Enable1,2,3,4
Enables
-0.3 to 5.5
V
HWMute
Hardware mute
-0.3 to 7
V
CDDiag
Clip detection
-0.3 to 5.5
V
Io
Output current (repetitive f > 10 Hz)
Internally limited
A
Tamb
Ambient operating temperature
-40 to 125
°C
Tstg, Tj
Storage and junction temperature
-55 to 150
°C
ESDHBM
ESD protection HBM
2000
V
ESDCDM
ESD protection CDM
500
V
Table 4. Thermal data
Symbol
Parameter
Typ
Max
Unit
Rth j-case Thermal resistance junction-to-case
3.5
5.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com