Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 65 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 65 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 61Page - STMicroelectronics FDA803U Datasheet HTML 62Page - STMicroelectronics FDA803U Datasheet HTML 63Page - STMicroelectronics FDA803U Datasheet HTML 64Page - STMicroelectronics FDA803U Datasheet HTML 65Page - STMicroelectronics FDA803U Datasheet HTML 66Page - STMicroelectronics FDA803U Datasheet HTML 67Page - STMicroelectronics FDA803U Datasheet HTML 68Page - STMicroelectronics FDA803U Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
DS12497 Rev 2
65/76
FDA803U
I2C register
75
Table 18. IB5-ADDR: “I0000101” - CDDiag pin configuration
Data bit
Default value
Definition
D7
0
0 - No UVLOVCC information on CDDiag pin
1 - UVLOVCC information on CDDiag pin
D6
0
0 - No Thermal shutdown information on CDDiag pin
1 - Thermal shutdown information on CDDiag pin
D5-D4
00
Clipping information on CDDiag pin:
D5-D4 CDDiag configuration
00
No clipping information
01
PWM Pulse Skipping detector
10
Reserved
11
Reserved
D3-D0
0000
Reserved
Table 19. IB6-ADDR: “I0000110”
Data bit
Default value
Definition
D7-D6
00
Mute timing setup, (values with fsample = 44.1 kHz):
D7-D6 Type of mute
Mute time
Unit
00
Very Fast
3
ms
01
Fast
45
ms
10
Slow
90
ms
11
Very Slow
185
ms
D5
0
Audio signal gain control:
0 - standard digital audio gain
1 - +6 db digital audio gain
D4
0
0 - standard gain
1 - low gain
D3-D0
0000
Reserved
Table 20. IB7-ADDR: “I0000111”
Data bit
Default value
Definition
D7-D6
00
Diagnostic ramp time selection:
D7-D6 Timing
00
Normal
01
x2
10
x4
11
/2
D5-D4
00
Diagnostic Hold Time selection:
D5-D4 Timing
00
Normal
01
x2
10
x4
11
/2
D3-D0
0000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com