Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 73 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 73 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 68Page - STMicroelectronics FDA803U Datasheet HTML 69Page - STMicroelectronics FDA803U Datasheet HTML 70Page - STMicroelectronics FDA803U Datasheet HTML 71Page - STMicroelectronics FDA803U Datasheet HTML 72Page - STMicroelectronics FDA803U Datasheet HTML 73Page - STMicroelectronics FDA803U Datasheet HTML 74Page - STMicroelectronics FDA803U Datasheet HTML 75Page - STMicroelectronics FDA803U Datasheet HTML 76Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
DS12497 Rev 2
73/76
FDA803U
Package information
75
Table 33. PowerSSO-36 (slug-up) package mechanical data
Ref
Dimensions (mm)
Min.
Typ.
Max.
A
2.15
-
2.45
A2
2.15
-
2.35
a1
0
-
0.10
b
0.18
-
0.36
c
0.23
-
0.32
D(1)
10.10
-
10.50
E(1)
7.4
-
7.6
e
-
0.5
-
e3
-
8.5
-
F
-
2.3
-
G
-
-
0.10
H
10.10
-
10.50
h
-
-
0.40
k0°
-
8°
L
0.55
-
0.85
M
-
4.3
-
N
-
-
10°
O
-
1.2
-
Q
-
0.8
-
S
-
2.9
-
T
-
3.65
-
U
-
1.0
-
X
See VARIATIONS
Y
See VARIATIONS
VARIATIONS
Option A
X
4.1
-
4.7
Y
6.5
-
7.1
Option B
X
4.1
-
4.7
Y
4.9
-
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com