Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA803U Datasheet(PDF) 58 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 58 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 54Page - STMicroelectronics FDA803U Datasheet HTML 55Page - STMicroelectronics FDA803U Datasheet HTML 56Page - STMicroelectronics FDA803U Datasheet HTML 57Page - STMicroelectronics FDA803U Datasheet HTML 58Page - STMicroelectronics FDA803U Datasheet HTML 59Page - STMicroelectronics FDA803U Datasheet HTML 60Page - STMicroelectronics FDA803U Datasheet HTML 61Page - STMicroelectronics FDA803U Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 76 page
background image
I2C bus interface
FDA803U
58/76
DS12497 Rev 2
Figure 71. Without/with auto-increment reading procedure
If a microcontroller tries to read an undefined register, FDA803U will return a "0xFF" data;
for more details refer directly to I2C specification.
13.3
Data validity
The data on the SDA line must be stable during the high period of the clock. The HIGH and
LOW state of the data line can only change when the clock signal on the SCL line is LOW.
13.4
Start and stop conditions
A start condition is a HIGH to LOW transition of the SDA line while SCL is HIGH.
The stop condition is a LOW to HIGH transition of the SDA line while SCL is HIGH.
13.5
Byte format
Every byte transferred to the SDA line must contain 8 bits. Each byte must be followed by an
acknowledge bit. The MSB is transferred first.
13.6
Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse. The receiver** has to pull-down (LOW) the SDA line during the acknowledge clock
pulse, so that the SDA line is stable LOW during this clock pulse.
* Transmitter
= master (μP) when it writes an address to the FDA803U
= slave (FDA803U) when the μP reads a data byte from FDA803U
** Receiver
= slave (FDA803U) when the μP writes an address to the FDA803U
= master (μP) when it reads a data byte from FDA803U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com